Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC2633 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC2633
Description  Dual 12-/10-/8-Bit I2C DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2633 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC2633 Datasheet HTML 9Page - Analog Devices LTC2633 Datasheet HTML 10Page - Analog Devices LTC2633 Datasheet HTML 11Page - Analog Devices LTC2633 Datasheet HTML 12Page - Analog Devices LTC2633 Datasheet HTML 13Page - Analog Devices LTC2633 Datasheet HTML 14Page - Analog Devices LTC2633 Datasheet HTML 15Page - Analog Devices LTC2633 Datasheet HTML 16Page - Analog Devices LTC2633 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC2633
13
2633fc
For more information www.linear.com/LTC2633
TYPICAL PERFORMANCE CHARACTERISTICS
Headroom at Rails vs Output
Current
Exiting Power-Down to Mid-Scale
Power-On Reset to Mid-Scale
Supply Current vs Logic Voltage
Exiting Power-Down for Hi-Z
Option
Large-Signal Response
Mid-Scale-Glitch Impulse
Power-On Reset Glitch
2µs/DIV
VOUT
0.5V/DIV
2633 G22
VFS = VCC = 5V
1/4 SCALE to 3/4 SCALE
200µs/DIV
VOUT
10mV/DIV
VCC
2V/DIV
2633 G24
LTC2633-L
ZERO-SCALE
IOUT (mA)
0
5.0
4.0
3.0
4.5
3.5
2.5
1.5
2.0
0.5
1.0
0
2
1
3
8
2633 G25
10
6
9
7
4
5
5V SOURCING
5V SINKING
3V (LTC2633-L) SOURCING
3V (LTC2633-L) SINKING
TA = 25°C unless otherwise noted.
LTC2633
1.0
0.8
0.6
0.4
1.2
0.2
1
2
3
LOGIC VOLTAGE (V)
4
5
0
2633 G28
VCC = 3V
(LTC2633-L)
SWEEP SDA, SCL
BETWEEN
ON AND VCC
VCC = 5V
SCL
5V/DIV
VOUT
500mV/DIV
5µs/DIV
2633 G29
9TH CLOCK OF
3RD DATA BYTE
LTC2633-LO, VCC = 3V
DAC OUTPUT DRIVEN
BY 1V SOURCE
THROUGH 15k
RESISTOR
HIGH-IMPEDANCE
(POWER-DOWN) MODE
DAC OUTPUT SET
TO MID-SCALE
SCL
5V/DIV
VOUTA
0.5V/DIV
5µs/DIV
2633 G26
9TH CLOCK OF
3RD DATA BYTE
LTC2633-H
VCC = 5V
INTERNAL REF.
DAC B IN
POWER-DOWN
MODE
200µs/DIV
VCC
2V/DIV
VOUT
0.5V/DIV
2633 G27
LTC2633-H
LTC2633-L
SCL
5V/DIV
VOUT
2mV/DIV
2µs/DIV
2633 G23
9TH CLOCK OF
3RD DATA BYTE
LTC2633-H12, VCC = 5V
3nV•s TYPICAL
LTC2633-L12, VCC = 3V
2.8nV•s TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com