Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC2633 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC2633
Description  Dual 12-/10-/8-Bit I2C DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2633 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC2633 Datasheet HTML 16Page - Analog Devices LTC2633 Datasheet HTML 17Page - Analog Devices LTC2633 Datasheet HTML 18Page - Analog Devices LTC2633 Datasheet HTML 19Page - Analog Devices LTC2633 Datasheet HTML 20Page - Analog Devices LTC2633 Datasheet HTML 21Page - Analog Devices LTC2633 Datasheet HTML 22Page - Analog Devices LTC2633 Datasheet HTML 23Page - Analog Devices LTC2633 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC2633
21
2633fc
For more information www.linear.com/LTC2633
Figure 5. Effects of Rail-to-Rail Operation on a DAC Transfer Curve (Shown for 12 Bits).
(a) Overall Transfer Function
(b) Effect of Negative Offset for Codes Near Zero
(c) Effect of Positive Full-Scale Error for Codes Near Full Scale
2633 F05
INPUT CODE
(b)
OUTPUT
VOLTAGE
NEGATIVE
OFFSET
0V
0V
2,048
0
4,095
INPUT CODE
OUTPUT
VOLTAGE
(a)
VREF = VCC
VREF = VCC
(c)
INPUT CODE
OUTPUT
VOLTAGE
POSITIVE
FSE
OPERATION
internal reference command (0110b), any command in
software that powers up the DACs will also power up the
integrated reference.
Voltage Output
The LTC2633’s integrated rail-to-rail amplifier has guaran-
teed load regulation when sourcing or sinking up to 10mA
at 5V, and 5mA at 3V.
Load regulation is a measure of the amplifier’s ability to
maintain the rated voltage accuracy over a wide range of
load current. The measured change in output voltage per
change in forced load current is expressed in LSB/mA.
DC output impedance is equivalent to load regulation, and
may be derived from it by simply calculating a change
in units from LSB/mA to Ω. The amplifier’s DC output
impedance is 0.1Ω when driving a load well away from
the rails.
When drawing a load current from either rail, the output
voltage headroom with respect to that rail is limited by
the 50Ω typical channel resistance of the output devices
(e.g., when sinking 1mA, the minimum output voltage is
50Ω • 1mA, or 50mV). See the graph Headroom at Rails
vs Output Current in the Typical Performance Character-
istics section.
The amplifier is stable driving capacitive loads of up to
500pF.
Rail-to-Rail Output Considerations
Inanyrail-to-railvoltageoutputdevice,theoutputislimited
to voltages within the supply range.
SincetheanalogoutputoftheDACcannotgobelowground,
it may limit for the lowest codes as shown in Figure 5b.
Similarly, limiting can occur near full scale when the REF
pin is tied to VCC. If VREF = VCC and the DAC full-scale error
(FSE) is positive, the output for the highest codes limits
at VCC, as shown in Figure 5c. No full-scale limiting can
occur if VREF is less than VCC–FSE.
Offset and linearity are defined and tested over the region
of the DAC transfer function where no output limiting can
occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com