Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IC-MCB Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-MCB
Description  SPI-TO-BiSS BRIDGE WITH RS422 TRANSCEIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MCB Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-MCB Datasheet HTML 1Page - IC-Haus GmbH IC-MCB Datasheet HTML 2Page - IC-Haus GmbH IC-MCB Datasheet HTML 3Page - IC-Haus GmbH IC-MCB Datasheet HTML 4Page - IC-Haus GmbH IC-MCB Datasheet HTML 5Page - IC-Haus GmbH IC-MCB Datasheet HTML 6Page - IC-Haus GmbH IC-MCB Datasheet HTML 7Page - IC-Haus GmbH IC-MCB Datasheet HTML 8Page - IC-Haus GmbH IC-MCB Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
preliminary
preliminary
iC-MCB
SPI-TO-BiSS BRIDGE WITH RS422 TRANSCEIVER
Rev A1, Page 1/28
FEATURES
BiSS Interface slave
Full BiSS protocol support
Two data channel configurable
Three slave ID occupiable
Single cycle data buffer of 64 byte
organized in multiple banks for simultaneous access
Built-in control communication
RS422 line driver/receiver for BiSS/SSI point-to-point network
BiSS bus structure capable
SPI slave interface for sensor data provided by microcontroller
Fast Sensor interface for direct sensor data provided by an SPI
slave device
BiSS safety related features: two data channel: CPW and SPW
(6/16 bit CRC + CRC start value)
BiSS timeout: adaptive, 2 µs, 20 µs
SSI protocol support
Operation from 3.0 V to 5.5 V
Operating temperature range of -40° C to +125° C
Space-saving 16-pin QFN package
APPLICATIONS
BiSS slave implementation
Multiple sensor devices
Encoder
Condition monitoring extension
Diagnosis extension
Torque sensor
Acceleration sensor
Inclinometer
Safety light curtain
PACKAGES
16-pin QFN
3 mm x 3 mm
RoHS compliant
BLOCK DIAGRAM
iC-MCB
BiSS/SSIprocessdata
BiSScontroldata
FieldInterface
HostInterface
ConfigRAM
Sequence
DataRAM
Oscillator
Crossbar
SCLK_M
control
MISO_M
MOSI_M
Power
NCS_M
Reset
On
I/O
IO2
SLO
IO6
IO4
IO1
NMA
SCLK
MOSI
MA
IO5
NSLO
IO3
GND
NCS
MISO
VDD
Copyright © 2014, 2017 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-MCB

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MCW ICHAUS-IC-MCW Datasheet
1Mb / 22P
BiSS WATCHDOG FOR RS422 WITH SPI
More results

Similar Description - IC-MCB

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45B0K HOLTEK-HT45B0K Datasheet
245Kb / 23P
SPI to USB Bridge
logo
IC-Haus GmbH
IC-MD ICHAUS-IC-MD Datasheet
451Kb / 23P
ENCODER RECEIVER/COUNTER WITH SPI AND BiSS
logo
Holtek Semiconductor In...
HT45B0F HOLTEK-HT45B0F Datasheet
165Kb / 23P
SPI-to-UART Bridge
June 7, 2011
HT45B0F HOLTEK-HT45B0F_12 Datasheet
163Kb / 23P
SPI-to-UART Bridge
September 24, 2012
HT45B0K HOLTEK-HT45B0K_12 Datasheet
3Mb / 24P
SPI to USB Bridge
September 24, 2012
logo
IC-Haus GmbH
IC-MCW ICHAUS-IC-MCW Datasheet
1Mb / 22P
BiSS WATCHDOG FOR RS422 WITH SPI
logo
Shanghai Leiditech Elec...
SP3085 LEIDITECH-SP3085 Datasheet
2Mb / 10P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
SP3485 LEIDITECH-SP3485 Datasheet
2Mb / 9P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
SP485 LEIDITECH-SP485 Datasheet
2Mb / 10P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
logo
Analog Devices
LTC2879X AD-LTC2879X Datasheet
1Mb / 18P
±60V Fault Tolerant RS485/RS422 Transceiver with Operation to 175°C
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com