Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IC-MCB Datasheet(PDF) 21 Page - IC-Haus GmbH

Part # IC-MCB
Description  SPI-TO-BiSS BRIDGE WITH RS422 TRANSCEIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MCB Datasheet(HTML) 21 Page - IC-Haus GmbH

Back Button IC-MCB Datasheet HTML 17Page - IC-Haus GmbH IC-MCB Datasheet HTML 18Page - IC-Haus GmbH IC-MCB Datasheet HTML 19Page - IC-Haus GmbH IC-MCB Datasheet HTML 20Page - IC-Haus GmbH IC-MCB Datasheet HTML 21Page - IC-Haus GmbH IC-MCB Datasheet HTML 22Page - IC-Haus GmbH IC-MCB Datasheet HTML 23Page - IC-Haus GmbH IC-MCB Datasheet HTML 24Page - IC-Haus GmbH IC-MCB Datasheet HTML 25Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
preliminary
preliminary
iC-MCB
SPI-TO-BiSS BRIDGE WITH RS422 TRANSCEIVER
Rev A1, Page 21/28
Figure 13: Command via BiSS
BiSS register read
The register read access starts with CTO = 0x2. Within
the next four BiSS frames the host must read the reg-
ister address and the slave ID and determine if the
address is valid for access. The ID is also mapped to
the internal ID range. If reading of the current address is
allowed, the host sets the flag CVALID(0). Write access
to the current address is permitted with CVALID(1) and
the flag CVALID(2) is used to signalize write access to
the following address. With STB = 1 the register data
should be written to SPI address 0x4E and confirmed
with CVALID = 0x5. This can be done in a single SPI
frame. For auto increment access the same procedure
follows for the next bytes.
Figure 14: Register read via BiSS
BiSS register write
The write register access starts also with CTO = 0x2.
So setting the CVALID is the same procedure as for
read register. But after four BiSS frames CTO changes
to 0x3. With STB = 1 the data can be read from SPI
address 0x4E and must be confirmed with CVALID = 5.
This must be done in two SPI frames. Auto increment
access is also possible.
Figure 15: Register write via BiSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com