Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

J598 Datasheet(PDF) 3 Page - NEC

Part # J598
Description  SWITCHING P-CHANNEL POWER MOS FET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

J598 Datasheet(HTML) 3 Page - NEC

  J598 Datasheet HTML 1Page - NEC J598 Datasheet HTML 2Page - NEC J598 Datasheet HTML 3Page - NEC J598 Datasheet HTML 4Page - NEC J598 Datasheet HTML 5Page - NEC J598 Datasheet HTML 6Page - NEC J598 Datasheet HTML 7Page - NEC J598 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D14656EJ4V0DS
3
2SJ598
TYPICAL CHARACTERISTICS (TA = 25°C)
TC - Case Temperature - ˚C
0
80
20
40
60
100
140
120
160
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
30
25
20
15
10
5
0
FORWARD BIAS SAFE OPERATING AREA
VDS - Drain to Source Voltage - V
–1
–10
–100
–0.1
–1
–10
TC = 25˚C
Single Pulse
–0.1
–100
Power
Dissipation
Limited
R
DS(on)
Limited
ID(DC)
ID(pulse) PW
=
10
µs
100
µs
1 ms
10
ms
DC
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TC - Case Temperature - ˚C
040
20
60
100
140
80
120
160
100
80
60
40
20
0
PW - Pulse Width - s
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
10
0.01
0.1
1
100
1000
1 m
10 m
100 m
1
10
100
1000
Single Pulse
10
100
Rth(ch-C) = 5.43˚C/W
µ
µ
Rth(ch-A) = 125˚C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com