Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

J598 Datasheet(PDF) 4 Page - NEC

Part # J598
Description  SWITCHING P-CHANNEL POWER MOS FET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

J598 Datasheet(HTML) 4 Page - NEC

  J598 Datasheet HTML 1Page - NEC J598 Datasheet HTML 2Page - NEC J598 Datasheet HTML 3Page - NEC J598 Datasheet HTML 4Page - NEC J598 Datasheet HTML 5Page - NEC J598 Datasheet HTML 6Page - NEC J598 Datasheet HTML 7Page - NEC J598 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D14656EJ4V0DS
4
2SJ598
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
0
–5
–10
–15
–20
Pulsed
200
150
100
50
0
ID = –6 A
FORWARD TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
Pulsed
–1
–2
–3
–4
–5
VDS = –10 V
–10
–1
–0.1
–100
TA =
−55˚C
25˚C
75˚C
150˚C
–0.01
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
ID - Drain Current - A
–1
–0.1
300
200
100
0
–10
–100
Pulsed
VGS = –4.0 V
–4.5 V
–10 V
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0
–4
–6
–8
–50
–40
–30
–20
–10
0
–2
Pulsed
VGS = –10 V
–10
–4.0 V
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID - Drain Current - A
–0.01
–0.1
–1
10
100
–10
–100
0.1
1
Pulsed
VDS = –10 V
TA = 150˚C
75˚C
25˚C
−50˚C
0.01
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS = –10 V
ID = –1 mA
–1.0
–2.0
–3.0
–50
0
50
100
0
150
–4.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com