Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5461 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS5461
Description  Single Phase Bi-Directional Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS5461 Datasheet HTML 37Page - Cirrus Logic CS5461 Datasheet HTML 38Page - Cirrus Logic CS5461 Datasheet HTML 39Page - Cirrus Logic CS5461 Datasheet HTML 40Page - Cirrus Logic CS5461 Datasheet HTML 41Page - Cirrus Logic CS5461 Datasheet HTML 42Page - Cirrus Logic CS5461 Datasheet HTML 43Page - Cirrus Logic CS5461 Datasheet HTML 44Page - Cirrus Logic CS5461 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
CS5461
DS546PP2
41
8. BASIC APPLICATION CIRCUITS
Figure 14 shows the CS5461 connected to a service
to measure power in a single-phase 2-wire system
while operating in a single supply configuration.
Note that in this diagram the shunt resistor used to
monitor the line current is connected on the “Line”
(hot) side of the power mains. In most residential
power metering applications, the power meter’s
current-sense shunt resistor is intentionally placed
on the hot side of the power mains in order to detect
a subscriber’s attempt to steal power. In this type of
shunt-resistor configuration, the common-mode
level of the CS5461 must be referenced to the hot
side of the power line; which means the com-
mon-mode potential of the CS5461 will typically
oscillate to very high voltage levels with respect to
earth ground potential. If digital communication
networks require that the CMOS-level digital inter-
face be referenced to an earth ground, the serial in-
terface pins on the CS5461 must be isolated from
the external digital interface.
Figure 15 shows the same single-phase two-wire
system with complete isolation from the power
lines. This isolation is achieved using three trans-
formers: a general purpose transformer to supply
the on-board DC power; a high-precision, low im-
pedance voltage transformer, with very little
roll-off/phase-delay, to measure voltage; and a cur-
rent transformer to sense the line current. Because
the CS5461 is not directly connected to the power
mains, no isolation is necessary on the CS5461’s
digital interface.
Figure 16 shows a single-phase 3-wire system. In
many 3-wire residential power systems within the
United States, only the two line terminals are avail-
able (neutral is not available). Figure 17 shows the
CS5461 configured to meter a three-wire system
with no neutral available.
VA+
VD+
CS5461
0.1 µF
100 µF
500 Ω
470 nF
500
N
R1
R2
10 Ω
14
VIN+
9
VIN-
IIN-
10
15
16
IIN+
PFMON
CPUCLK
XOUT
XIN
Optional
Clock
Source
Serial
Data
Interface
RESET
17
2
1
24
19
CS
7
SDI
23
SDO
6
SCLK
5
INT
20
EDIR
EOUT
0.1 µF
VREFIN
12
VREFOUT
11
VA-
DGND
13
4
3
To Service
2.5 MHz to
20 MHz
0.1 µF
C
10 kΩ
5kΩ
L
R
Shunt
V+
R
V-
R
I-
R
I+
C
I+
120 VAC
Mech. Counter
Stepper Motor
or
22
21
Figure 14. Typical Connection Diagram (One-Phase 2-Wire, Direct Connect to Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com