Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5461 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS5461
Description  Single Phase Bi-Directional Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS5461 Datasheet HTML 38Page - Cirrus Logic CS5461 Datasheet HTML 39Page - Cirrus Logic CS5461 Datasheet HTML 40Page - Cirrus Logic CS5461 Datasheet HTML 41Page - Cirrus Logic CS5461 Datasheet HTML 42Page - Cirrus Logic CS5461 Datasheet HTML 43Page - Cirrus Logic CS5461 Datasheet HTML 44Page - Cirrus Logic CS5461 Datasheet HTML 45Page - Cirrus Logic CS5461 Datasheet HTML 46Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
CS5461
42
DS546PP2
VA+
VD+
CS5461
0.1µF
200µF
200
N
10 Ω
14
VIN+
9
VIN-
IIN-
10
15
16
IIN+
PFMON
CPUCLK
XOUT
XIN
Optional
Clock
Source
RESET
17
2
1
24
CS
SDI
SDO
SCLK
INT
EDIR
22
EOUT
21
0.1 µF
VREFIN
12
VREFOUT
11
VA-
DGND
13
4
3
To Service
2.5 MHz to
20 MHz
0.1 µF
10 kΩ
5kΩ
L
M:1
R
N:1
Low Phase-Shift
Potential Transformer
Current
Transformer
R
V+
R
V-
C
Vdiff
R
I-
R
I+
C
Burden
Idiff
Voltag
e
Transforme
r
120 VAC
12 VAC
12 VAC
Ω
200
Ω
Serial
Data
Interface
19
7
23
6
5
20
Mech. Counter
Stepper Motor
or
1k
Ω
1k
Ω
1k
Ω
1k
Ω
Figure 15. Typical Connection Diagram (One-Phase 2-Wire, Isolated from Power Line)
VA+
VD+
CS5461
0.1 µF
100 µF
500 Ω
470 nF
500 Ω
N
R3
R4
R
Burden
10 Ω
14
VIN+
9
VIN-
IIN-
10
16
15
IIN+
PFMON
CPUCLK
XOUT
XIN
Optional
Clock
Source
RESET
17
2
1
24
CS
SD
SDO
SCLK
INT
EDIR
EOUT
0.1 µF
VREFIN
12
VREFOUT
11
DGND
13
4
3
To Service
2.5 MHz to
20 MHz
0.1 µF
L 1
L 2
10 k
Ω
5k
Ω
VA-
R
1
R
2
To Service
R
I+
R
I-
22
21
Mech. Counter
Stepper Motor
or
1k
Ω
1k
Ω
120 VAC
120 VAC
240 VAC
Serial
Data
Interface
19
7
23
6
5
20
I
Earth
Ground
C
Idiff
C
Idiff
Figure 16. Typical Connection Diagram (One-Phase 3-Wire)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com