Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP72200 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP72200
Description  HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72200 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP72200 Datasheet HTML 9Page - Diodes Incorporated AP72200 Datasheet HTML 10Page - Diodes Incorporated AP72200 Datasheet HTML 11Page - Diodes Incorporated AP72200 Datasheet HTML 12Page - Diodes Incorporated AP72200 Datasheet HTML 13Page - Diodes Incorporated AP72200 Datasheet HTML 14Page - Diodes Incorporated AP72200 Datasheet HTML 15Page - Diodes Incorporated AP72200 Datasheet HTML 16Page - Diodes Incorporated AP72200 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
AP72200
Typical Performance Characteristics (Cont.)
(@TA = +25°C, PVIN = VIN = VIO = 2.3V to 5.5V, VOUT = 3.4V, L = 1µH, unless otherwise specified.)
Shutdown through Enable 1A Load, VIN=3.8V
Short Circuit VIN=3.8V, 2A Load
Short Circuit VIN=3.8V, 2A Load
Time-100µs/div
Time-50µs/div
Time-5ms/div
Short Circuit Recovery VIN=3.8V, 2A Load
Voltage Ripple (VIN=3V, IO=0A)
Voltage Ripple (VIN=3V, IO=2A)
Time-100µs/div
Time-20ms/div
Time-500ns/div
Voltage Ripple (VIN=3.8V, IO=0A)
Voltage Ripple (VIN=3.8V, IO=2A)
Voltage Ripple (VIN=5.5V, IO=0A)
Time-20ms/div
Time-2µs/div
Time-1ms/div
Voltage Ripple (VIN=5.5V, Io=2A)
Load Transient (VIN=3V, PFM, IO=0A to 1A)
Load Transient (VIN=3V, PWM, IO=0A to 1A)
Time-500ns/div
Time-100µs/div
Time-100µs/div
Load Transient (VIN=3.8V, PFM, IO=0A to 1A)
Load Transient (VIN=3.8V, PWM, IO=0A to 1A)
Load Transient (VIN=5.5V, PFM, IO=0A to 1A)
Time-100µs/div
Time-100µs/div
Time-100µs/div
AP72200
Document number: DS40869 Rev. 3 - 2
13 of 30
www.diodes.com
July 2018
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com