Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP72200 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AP72200
Description  HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72200 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AP72200 Datasheet HTML 17Page - Diodes Incorporated AP72200 Datasheet HTML 18Page - Diodes Incorporated AP72200 Datasheet HTML 19Page - Diodes Incorporated AP72200 Datasheet HTML 20Page - Diodes Incorporated AP72200 Datasheet HTML 21Page - Diodes Incorporated AP72200 Datasheet HTML 22Page - Diodes Incorporated AP72200 Datasheet HTML 23Page - Diodes Incorporated AP72200 Datasheet HTML 24Page - Diodes Incorporated AP72200 Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
AP72200
Writing to a Sequential Register
Figure 8 below shows the protocol for writing to sequential registers. This protocol is similar to the write byte protocol, except the master continues
to write additional data after is receives an ACK from the slave that it successfully received the previous data byte. The slave’s register pointer will
auto-increment by one after each byte received. When the master is done writing, it issues a STOP or REPEATED START. The writing to
sequential registers protocol is as follows:
1.
The master sends a START condition.
2.
The master sends the 7-bit slave address followed by a write bit (R/nW = 0).
3.
The addressed slave sends an ACK bit by pulling SDA low.
4.
The master sends an 8-bit register pointer.
5.
The slave acknowledges the register pointer.
6.
The master sends a data byte.
7.
The slave acknowledges the data byte.
8.
The next falling edge on SCL loads the data byte into its target register and the data becomes active.
9.
Steps 6 to 8 are repeated as many times as the master requires.
10. The master sends a STOP condition or a REPEATED START condition.
Figure 8 Writing to Sequential Registers X to N
AP72200
Document number: DS40869 Rev. 3 - 2
21 of 30
www.diodes.com
July 2018
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com