Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B002-DP2AC4 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B002-DP2AC4
Description  Secure KVM Switch, Dual Monitor, DisplayPort to DisplayPort - 4-Port, 4K, NIAP PP3.0, Audio, CAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B002-DP2AC4 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B002-DP2AC4 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B002-DP2AC4 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B002-DP2AC4 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B002-DP2AC4 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Full USB device filtering ensures support for keyboard and mouse only. This KVM switch also supports
secure video emulation and EDID learning, which prevents unwanted data from transmitting through the
DDC lines. Both keyboard/mouse and video emulation controllers restrict discovery of newly connected
peripherals or monitors during switching operations, shielding your computers from potential
vulnerabilities.
TAA-Compliant for GSA Schedule Purchases
The B002-DP2AC4 is compliant with the Federal Trade Agreements Act (TAA), which makes it eligible for
GSA (General Services Administration) Schedule and other federal procurement contracts.
USB port (USB 2.0 required for
CAC support)
Computer and speakers with 3.5
mm stereo audio port (optional)
q
Windows, Mac, Linux or any
other major operating system
q
Package Includes
B002-DP2AC4 Secure 4-Port
NIAP PP3.0-Certified
DisplayPort KVM Switch
q
External power supply w/NEMA
1-15P plug & 5 ft. cord (Input:
100–240V, 50/60 Hz, 0.8A;
Output: 12V 2A)
q
Owner’s manual
q
OVERVIEW
UPC Code
037332221827
INPUT
Voltage Compatibility (VAC)
100; 110; 125; 127; 200; 208; 220; 230; 240
Redundancy - Dual Power Inputs
No
External Power Supply Input Specs
(V / Hz / A)
100-240V / 50/60Hz / 0.8A
External Power Supply Output
Specs (V / A)
12V / 2A
External Power Supply Cord Length
(ft.)
5
External Power Supply Cord Length
(m.)
1.5
External Power Supply DC Barrel
Connector Specs
OD: 5.5 x 2.1 x 7.5mm, Positive Pin, Negative Sleeve
External Power Supply Plug(s)
NEMA 1-15P North America
External Power Supply Certifications
FCC; UL; cUL
USER INTERFACE, ALERTS & CONTROLS
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com