Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B002-DP2AC4 Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # B002-DP2AC4
Description  Secure KVM Switch, Dual Monitor, DisplayPort to DisplayPort - 4-Port, 4K, NIAP PP3.0, Audio, CAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B002-DP2AC4 Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  B002-DP2AC4 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B002-DP2AC4 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B002-DP2AC4 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B002-DP2AC4 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Port Selection
Pushbutton
Max Supported Video Resolution
3840 x 2160 @30Hz
Common Access Card (CAC)
Support
Yes
Cat5 KVM Switch
No
Technology
DisplayPort; USB
CERTIFICATIONS
Certifications
Tested to
WARRANTY
Product Warranty Period
(Worldwide)
3-year limited warranty
4 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com