Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATSAM3103 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATSAM3103
Description  ATSAM3103 VERSATILE LOW-POWER AUDIO DSP/LOW-COST EFFECTS DSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3103 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATSAM3103 Datasheet HTML 1Page - ATMEL Corporation ATSAM3103 Datasheet HTML 2Page - ATMEL Corporation ATSAM3103 Datasheet HTML 3Page - ATMEL Corporation ATSAM3103 Datasheet HTML 4Page - ATMEL Corporation ATSAM3103 Datasheet HTML 5Page - ATMEL Corporation ATSAM3103 Datasheet HTML 6Page - ATMEL Corporation ATSAM3103 Datasheet HTML 7Page - ATMEL Corporation ATSAM3103 Datasheet HTML 8Page - ATMEL Corporation ATSAM3103 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
6093A–DRMSD–25-Oct-04
Features
• Three DSPs and 24-bit Audio Router On-chip
• 32 kHz to 96 kHz Sampling Rate
• 16-bit Microcontroller On-chip
• Variety of I/Os, including SmartMedia™ and DataFlash®
• Embedded RAM for Single Chip Operation (530 kbit)
• Warm Start Power-down
• 1 µA Typical Deep Power-down, 0.5 mW/MIPS Typical Operating
• External Flash/ROM Capability
• Available in a 64-lead TQFP Package
• Ideal for Real-time Audio Applications
– MP3 Decoding Wavetable Synthesis (GM-Lite)
– Effect Processing (Reverb, Echo, Chorus, etc.)
– Speech Recognition and Synthesis
– Filtering, Sampling Rate Conversion
• Typical Applications: Cellular Phones, MP3 Player, Effect Devices, Intelligent
Answering Machinces, Toys
Description
The ATSAM3103 is a member of the new ATSAM3000 family that uses DSP Array
Technology. The ATSAM3103 includes three 24-bit DSPs, a 24-bit Audio Router and a
general purpose 16-bit on-chip CISC Microcontroller. Its high performance and flexibil-
ity with eight input and eight output channels allow implementation of professional
quality audio applications such as effects processing and MP3 decoding. A variety of
I/Os, including SmartMedia
™ and DataFlash® are provided. Sampling rates up to 96
kHz at 24 bits are supported.
Audio
Processing
ATSAM3103
Versatile
Low-power
Audio DSP/
Low-cost
Effects DSP


Similar Part No. - ATSAM3103

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3108B ATMEL-ATSAM3108B Datasheet
309Kb / 23P
Audio Processing
More results

Similar Description - ATSAM3103

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7712H PHILIPS-SAA7712H Datasheet
178Kb / 44P
Sound effects DSP
1999 Aug 05
logo
Analog Devices
ADSP-2104 AD-ADSP-2104 Datasheet
333Kb / 36P
Low Cost DSP Microcomputers
REV.0
logo
HuaXinAn Electronics CO...
AK4961ECB HUAXINAN-AK4961ECB Datasheet
311Kb / 4P
Low-Power CODEC with Audio/Voice DSP
logo
Asahi Kasei Microsystem...
AK4961ECB AKM-AK4961ECB Datasheet
198Kb / 4P
Low-Power CODEC with Audio/Voice DSP
logo
Analog Devices
ADSP-2104 AD-ADSP-2104_15 Datasheet
335Kb / 36P
Low Cost DSP Microcomputers
REV. 0
ADSP-2104L AD-ADSP-2104L_15 Datasheet
335Kb / 36P
Low Cost DSP Microcomputers
REV. 0
logo
Cirrus Logic
WM0011 CIRRUS-WM0011 Datasheet
2Mb / 233P
General Purpose Low-Power Audio DSP
logo
Asahi Kasei Microsystem...
AK4962 AKM-AK4962 Datasheet
246Kb / 7P
Low-Power CODEC with Audio/Voice DSP
logo
Cirrus Logic
CS47L15 CIRRUS-CS47L15 Datasheet
4Mb / 279P
Smart Codec with Low-Power Audio DSP
FEB 2019
CS47L63 CIRRUS-CS47L63 Datasheet
6Mb / 300P
Smart Codec with Low-Power Audio DSP
F3 SEP 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com