Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATSAM3103 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATSAM3103
Description  ATSAM3103 VERSATILE LOW-POWER AUDIO DSP/LOW-COST EFFECTS DSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3103 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATSAM3103 Datasheet HTML 1Page - ATMEL Corporation ATSAM3103 Datasheet HTML 2Page - ATMEL Corporation ATSAM3103 Datasheet HTML 3Page - ATMEL Corporation ATSAM3103 Datasheet HTML 4Page - ATMEL Corporation ATSAM3103 Datasheet HTML 5Page - ATMEL Corporation ATSAM3103 Datasheet HTML 6Page - ATMEL Corporation ATSAM3103 Datasheet HTML 7Page - ATMEL Corporation ATSAM3103 Datasheet HTML 8Page - ATMEL Corporation ATSAM3103 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
ATSAM3103
6093A–DRMSD–25-Oct-04
allowing inter P24 communication at the current sampling rate. Slots 0 to 7 are reserved
for a specific router DSP, which also handles audio out, audio in, and remix send.
Async Bus
The Async Bus is 24-bit data inside the chip and 16-bit outside.
The P16 processor normally masters the Async Bus; it can read/write the P24 memories
and the external or embedded ROM/RAM. However, each P24 can request a bus mas-
ter cycle for accessing external ROM/RAM or other P24 memories. This allows efficient
intercommunication between several P24s on asynchronous block basis. Specific P24
instructions FLOAT and FIX convert fixed-point DSP data to floating-point 16 bits. This
allows for 20-bit audio dynamic range when using 16-bit external memory.
16-bit Processor
The P16 processor is widely used in ATSAM products. Using the P16 allows to keep the
large firmware investments from the ATSAM97xx series. A built-in ROM, connected to
the P16, holds basic input/output software (BIOS) for peripherals such as UART,
DataFlash, SmartMedia, MPU, as well as a debugger using a dedicated asynchronous
serial line. The firmware can reside on external parallel ROM/Flash or it can be down-
loaded at power-up into the built-in 16K x 24 RAM from serial EEPROM, DataFlash,
SmartMedia or host.
MMU (Memory
Management Unit)
The MMU handles transfer requests between the external or embedded RAM/ROM, the
P16 and the P24s through the Async Bus. The ATSAM3103 includes an on-chip 16K x
24 RAM.
Router: Final ACC, MIX,
Audio Out, Audio In
This block includes a RAM, accessed through the Async Bus, which defines the routing
from the Sync Bus to/from the Audio I/O or back to the Sync Bus (mix send). It takes
care of mix and accumulation from Sync Bus samples. Eight channels of audio in and
eight channels of audio out are provided (4 stereo in/out, I2S format). The stereo audio
in channels may have a different sampling rate than the audio out channels. In this case,
one or more P24s take care of sampling rate conversion.
I/O
The ATSAM3103 includes versatile I/Os that share common pins for reduced pin count
and small IC footprint. Most I/Os, when not used for a specific function, remain available
as firmware controlled general-purpose pins.
The following peripherals are included on-chip:
•
2 x 8-bit timers
•
2 x 16-bit timers
•
Parallel slave 8-bit port, MPU401 compatible
•
Parallel master 8-bit port, for connection to SmartMedia and/or LCD display,
switches, etc.
•
2 x asynchronous bi-directional serial ports
•
Synchronous serial slave port (SPI type host connection)
•
SPI master bi-directional port for EEPROM or DataFlash connection
•
Firmware controlled I/O pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com