Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP6809 Datasheet(PDF) 3 Page - Injoinic Technology Co.,Ltd.

Part # IP6809
Description  7.5W/10W/15W multi-coil wireless charging transmitter controller compatible with WPC v1.2 .4 protocol
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP6809 Datasheet(HTML) 3 Page - Injoinic Technology Co.,Ltd.

  IP6809 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP6809 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP6809 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP6809 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP6809 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP6809 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP6809 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP6809 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP6809 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
IP6809
V1.0
Email: service@injoinic.com
3 / 24
Copyright © 2018, Injoinic Corp.
1. 引脚定义
9
10
11 12 13 14 15 16 17 18
21
22
36 35 34 33
28
27
25
26
24
23
COIL1_EN
Test2
Debug
LED1
Test1
GPIO10
GPIO9
HG1
LX1
8
7
6
5
4
3
38 37
IP6809
QFN40
39
40
CC1
CC2
DM
GPIO18
GPIO17
DP
Vcoil_Sense
19 20
29
GPIO4
30
LED2
31
COIL2_EN
2
1
N/C
32
41 EPAD
图 2
IP6809 引脚图
IP6809 引脚说明
引脚序号
引脚名称
描述
1
COIL1_EN
线圈 1 使能管脚
2
N/C
需浮空
3
COIL2_EN
线圈 2 使能管脚
4
CC1
Type-C 检测引脚 CC1,支持固件升级。Micro USB 的应用,需连
接到 ID 上
5
CC2
Type-C 检测引脚 CC2,支持固件升级
6
DM
USB DM。
7
GPIO18
通用 IO
8
GPIO17
通用 IO
9
DP
USB DP
10
Vcoil_Sense
线圈电压检测输入引脚
11
FB
扩展的 DC-DC 的调压控制引脚
12
LED3
LED3 输出
13
COIL3_EN
线圈 3 使能管脚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com