| Electronic Components Datasheet Search |
|
K-LD2 Datasheet(PDF) 11 Page - RFbeam Microwave GmbH |
|
|
|||||||||||||||||||||||||||||
K-LD2 Datasheet(HTML) 11 Page - RFbeam Microwave GmbH |
|
11 / 20 page ![]() © RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LD2 | data sheet 09/2018 - Revision B | Page 11/20 Speed limitation and ranging The K-LD2 features the possibility to easily filter out slow and fast speeds by setting speed limits with the parameters D04 & D05 over the command set. The limits are independent of each other and can be used stand-alone. The whole FFT can also be divided into two speed ranges with the parameter D06. When the speed ran- ge threshold is set, the detection algorithm decides in which speed range (high or low) the detection was Figure 11: Speed limitation and ranging overview The usage of the speed limits and the speed range threshold makes it very easy to divide objects into two speed classes found and latches it to the detection register or, if it is configured to signal the speed range (see parameter S06), to the miscellaneous output. Micro detection The micro detection is a feature to detect very slow speeds in short range applications. It takes advantage of an algorithm that analyses the DC bin of the FFT to detect very slow speeds. The micro detection is inde- pendent from the normal detection algorithm and al- ways enabled. If a slow movement generates a signal magnitude that is higher than the adjustable micro detection th- reshold (see parameter D07) the micro detection flag in the detection register goes to high (see parameter R00). The miscellaneous output can be configured to si- gnal the micro detection over the parameter S06. This gives the host the possibility to directly trigger to a valid micro detection. Furthermore, it is possible to retrigger the detection algorithm over the micro detection feature (see para- meter S0D). If this feature is enabled, the detection al- gorithm first requires a valid detection and then, if there was a valid micro detection, it will retrigger the hold time. If the hold time has elapsed because there was no detection or micro detection, the detection goes to low and needs again a valid detection before the micro detection is used to retrigger the hold time. The algorithm computes the micro detection flag for every sampled frame, independent of the hold time setting. The covered speed range that is analysed by the micro detection feature depends on the sampling rate (see parameter S04), because the content of the DC bin changes with the sampling rate. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |