Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

K-LD2-EVAL Datasheet(PDF) 13 Page - RFbeam Microwave GmbH

Part # K-LD2-EVAL
Description  radar transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LD2-EVAL Datasheet(HTML) 13 Page - RFbeam Microwave GmbH

Back Button K-LD2-EVAL Datasheet HTML 5Page - RFbeam Microwave GmbH K-LD2-EVAL Datasheet HTML 6Page - RFbeam Microwave GmbH K-LD2-EVAL Datasheet HTML 7Page - RFbeam Microwave GmbH K-LD2-EVAL Datasheet HTML 8Page - RFbeam Microwave GmbH K-LD2-EVAL Datasheet HTML 9Page - RFbeam Microwave GmbH K-LD2-EVAL Datasheet HTML 10Page - RFbeam Microwave GmbH K-LD2-EVAL Datasheet HTML 11Page - RFbeam Microwave GmbH K-LD2-EVAL Datasheet HTML 12Page - RFbeam Microwave GmbH K-LD2-EVAL Datasheet HTML 13Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen |
www.rfbeam.ch | K-LD2-EVAL | data sheet
06/2017- Revision A | Page 13/13
Product
= K-LD2-EVAL
Customer
= RFB
for standard products
HW variant
= 01
for standard variant
Supply
= H
for 3.3V…5V version
Figure 9: Ordering number structure
Table 4: Available ordering numbers
Ordering number
Description
K-LD2-EVAL-RFB-01H
Standard K-LD2 evaluation kit
1. Evaluation kit PCB board
2. FTDI USB cable
3. USB stick containing
– Control panel software
– Prepared setting-files for a fast
development start
– Documentation
4. K-LD2 sensor
06/2017 – Revision A: Initial Version
The ordering number consists of different parts with
the structure below.
Ordering Information
Packing List
Revision History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com