Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

K-LD2-EVAL Datasheet(PDF) 2 Page - RFbeam Microwave GmbH

Part # K-LD2-EVAL
Description  radar transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LD2-EVAL Datasheet(HTML) 2 Page - RFbeam Microwave GmbH

  K-LD2-EVAL Datasheet HTML 1Page - RFbeam Microwave GmbH K-LD2-EVAL Datasheet HTML 2Page - RFbeam Microwave GmbH K-LD2-EVAL Datasheet HTML 3Page - RFbeam Microwave GmbH K-LD2-EVAL Datasheet HTML 4Page - RFbeam Microwave GmbH K-LD2-EVAL Datasheet HTML 5Page - RFbeam Microwave GmbH K-LD2-EVAL Datasheet HTML 6Page - RFbeam Microwave GmbH K-LD2-EVAL Datasheet HTML 7Page - RFbeam Microwave GmbH K-LD2-EVAL Datasheet HTML 8Page - RFbeam Microwave GmbH K-LD2-EVAL Datasheet HTML 9Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen |
www.rfbeam.ch | K-LD2-EVAL | data sheet
06/2017- Revision A | Page 2/13
Figure 2: Pin configuration and functions
X1 Pin 1
LED
Detection
Output
LED
Miscellaneous
Output
X2 Pin 1
Sensitivity
Potentiometer
Hold Time
Potentiometer
K-LD2
D
C
B
6
5
4
3
2
1
A
2
1
4
3
5
B
A
C
Plotdate: 09.06.2017
We reserve all rights in this document and its subject matter.
The recipient herby acknowledges these rights and assures the use of this
document only for the purpose it was delivered.
© RFbeam Microwave
Dieses Dokument ist unser geistiges Eigentum. Es darf ohne unsere ausdrückliche Genehmigung
weder kopiert, vervielfältigt oder verwertet, noch an Dritte weitergegeben werden. Zuwiderhandlung
ist strafbar und wird strafrechtlich verfolgt.
Copyright reserved!
© RFbeam Microwave
Drawing Nr.
A4
1 / 1
Blatt / Anz.
Project
Scale
2:1
Material
Tolerance
Format
Prepared
Reviewed
Object
Surface
RFbeam Microwave
Farbgutstrasse 3
9008 St. Gallen
Switzerland
State
Index
XX
YY
XX
YY
Pin No. Name Colour on
FTDI cable
Description
1
GND
Black
Device ground supply pin
2
CTS#
Brown
Clear to send control input
3
VCC
Red
Power supply pin (5V)
4
TXD
Orange
Transmit asynchronous data output.
5
RXD
Yellow
Receive asynchronous data input.
6
RTS#
Green
Request to send control output
Pin No. Name
Description
2
GND
Ground pin
4
Detect Out
Digital detection output
6
VCC
Power supply pin (3.2 to 5.5V)
8
RX
Serial interface RX input
10
TX
Serial interface TX output
12
Hold Time In
Analogue hold time input
14
Sensitivity In
Analogue sensitivity input.
16
Misc. Out
Digital miscellaneous output
Table 1: X1 FTDI Connector
Table 2: X2 K-LD2 Connector
Connect the K-LD2 to the connector X2 as
shown in the picture above. Please refer to
the K-LD2 datasheet for a detailed pin de-
scription.
Connect the K-LD2 and the FTDI cable with
the correct polarization to prevent any damage.
Installation
1. Connect the delivered USB Stick to your PC.
2. Open the Installer folder on the stick.
3. Install the FTDI-Driver by double clicking the FTDI_
setup.exe and follow the guided installation.
4. Install the K-LD2 Control Panel by double clicking
the setup.exe file. If no .net framework is installed,
the installer will install it automatically.
Quick Start
1. Connect the K-LD2 to the X2 connector of
the evaluation kit as shown in Figure 2: Pin con-
figuration and functions
2. Connect the FTDI cable to the X1 connector of
the evaluation kit. The black wire of the cable has
to be connected to the pin 1 of the connector X1.
3. Connect the USB part of the FTDI cable with
your PC
4. Start the K-LD2 Control Panel Software
5. Select the correct Port and click
the Connect button.
6. Check the application information on the following
pages for a fast overview.
7. Play with the parameters in the Settings Tab
Pin Configuration and Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com