Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXP192 Datasheet(PDF) 1 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP192
Description  Single Cell Li-Battery and Power System Management IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP192 Datasheet(HTML) 1 Page - Shenzhen X-Powers Technology Co ., Ltd

  AXP192 Datasheet HTML 1Page - Shenzhen X-Powers Technology Co ., Ltd AXP192 Datasheet HTML 2Page - Shenzhen X-Powers Technology Co ., Ltd AXP192 Datasheet HTML 3Page - Shenzhen X-Powers Technology Co ., Ltd AXP192 Datasheet HTML 4Page - Shenzhen X-Powers Technology Co ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AXP192
www.x-powers.com
Copyright © 2016 X-Powers Limited. All Rights Reserved
Revision 1.0
1
Single Cell Li-Battery and Power System Management IC
FEATURES
Battery Management
o Operation Voltage:
2.9V~6.3V (AMR:-0.3V~15V)
o Configurable Intelligent Power Select system
o Current and voltage limit of adaptive USB or AC
adapter input
o The resistance of internal ideal diode lower than
100mΩ
• Full-integrated Charger
o 1.4A charge current with built-in MOSFET
o Battery temperature monitor
o USB-Compatible charger
o High precision as 0.5%
o support 4.1V/4.15V/4.2V/4.36V battery
o Charging process control automatically
o LED driver to indication the charging status
o Auto adjust the charging current according to
the system load
• Backup Battery
o Provide power to RTC module by using the
backup battery
o Integrated an backup battery charger
• 3 Synchronous Step-Down Converters
o DC-DC1: can be adjusted between 0.7V~3.5V
25mV/step, 1.2A drive capability
o DC-DC2: can be adjusted between 0.7V~2.275V
25mV/step, 1.6A drive capability, support
VRC
o DC-DC3: can be adjusted between 0.7V~3.5V
25mV/step, 0.7A drive capability
• 4 LDO’s
o LDO1:30mA,always on
o LDO2:low noise LDO, can be adjusted between
1.8V~3.3V,100mV/step, 200mA drive capability
o LDO3:low noise LDO, can be adjusted between
1.8V~3.3V,100mV/step, 200mA drive capability
o LDOIO0: low noise LDO, can be adjusted
between 1.8V~3.3V,100mV/step, 50mA drive
capability
NOTE: VRC,Voltage Ramp Control
• Signal Capture
o built-in 16 channel 12 Bit ADC
o 4 external input channels
o Built-in high precision coulomb counter and
fuel-gauge system
o Wealthily power information,such as the
real-time power dissipation (mA or mW),
remaining battery status(% or mAh),and
remaining battery or charging time
o Low power warning and protection
o Provide temperature information of chip
• Host Interface
o Host can exchange data with processor by TWSI
o Flexibility to configure the interrupt
management
o Multi-function GPIO can be set to
IO,PWM ,current sink and other function
o Built-in timer
o Four registers can be used to save the data when
system shutdown
• System Management
o Soft reset or hardware reset
o Support soft shutdown or hardware shutdown,
and external wakeup
o Monitoring output voltage, self-diagnostic
function
o PWROK is used for system reset
o External power source detect
(insert/remove/lack of driving capacity )
o Soft start
o Over voltage protection /under voltage
protection (OVP/UVP)
o Over current protection (OCP)
o Over temperature protection (OTP)
o Support OTG VBUS power state
setting/monitoring
• Fully Integration
o high precision internal Reference Voltage
0.5%)
o Built-in MOSFET


Similar Part No. - AXP192

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AXP192 ETC2-AXP192 Datasheet
1Mb / 53P
Enhanced single Cell Li-Battery and Power System Management IC
More results

Similar Description - AXP192

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AXP171 ETC2-AXP171 Datasheet
1Mb / 41P
Enhanced Single Cell Li-Battery and Power System Management IC
AXP173 ETC2-AXP173 Datasheet
1Mb / 45P
Enhanced Single Cell Li-Battery and Power System Management IC
AXP192 ETC2-AXP192 Datasheet
1Mb / 53P
Enhanced single Cell Li-Battery and Power System Management IC
AXP199 ETC2-AXP199 Datasheet
1Mb / 50P
Enhanced single Cell Li-Battery and Power System Management IC
AXP202 ETC2-AXP202 Datasheet
1Mb / 48P
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP209 ETC2-AXP209 Datasheet
2Mb / 45P
Enhanced single Cell Li-Battery and Power System Management IC
logo
Shenzhen X-Powers Techn...
AXP209 XPOWER-AXP209 Datasheet
1Mb / 45P
Enhanced single Cell Li-Battery and Power System Management IC
AXP173 XPOWER-AXP173 Datasheet
454Kb / 4P
Enhanced single Cell Li-Battery and Power System Management IC
AXP176 XPOWER-AXP176 Datasheet
331Kb / 4P
Enhanced single Cell Li-Battery and Power System Management IC
AXP202 XPOWER-AXP202 Datasheet
688Kb / 4P
Single Cell Li-Battery PWM Charger and Power System Management IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com