Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXP192 Datasheet(PDF) 2 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP192
Description  Single Cell Li-Battery and Power System Management IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP192 Datasheet(HTML) 2 Page - Shenzhen X-Powers Technology Co ., Ltd

  AXP192 Datasheet HTML 1Page - Shenzhen X-Powers Technology Co ., Ltd AXP192 Datasheet HTML 2Page - Shenzhen X-Powers Technology Co ., Ltd AXP192 Datasheet HTML 3Page - Shenzhen X-Powers Technology Co ., Ltd AXP192 Datasheet HTML 4Page - Shenzhen X-Powers Technology Co ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AXP192
www.x-powers.com
Copyright © 2016 X-Powers Limited. All Rights Reserved
Revision 1.0
2
APPLICATIONS
Handhold mobile devices
Smart cell phone, PMP/MP4, digital camera,
handhold navigation devices GPS, PDA, digital
broadcast TV receiver
MID(Mobile internet device)
Digital photo Frame,portable DVD player,
UMPC, and UMPC-like ,Learning machine
Application Processor systems
Other
battery and
multi-power
applications
DESCRIPTION
The AXP192 provides an easy to use, fully integrated,
ultra-flexible power solution for single cell Li-Ion/Li-
Polymer battery and multiple-power applications.
AXP192 contains an USB-Compatible charger, 3 Buck
DC-DC converter, 4 low dropout linear regulator,
voltage/ current / temperature monitor and multi
channel 12 - Bit ADC. To ensure power system work
stably, AXP192also contains self-protection circuits such
as OVP / UVP, OTP and OCP .
The “Intelligent Power Select”(IPS)™ circuit of AX192
distributes power safely and transparently between the
USB, external AC adapter, Li-Battery and the application
system. It also allows the application system work
without battery or discharged battery.
AXP192 has three input source, including external
adapter, USB VBUS input and battery. It also supports
use of the rechargeable backup battery.
AXP192 provides TWSI(Two Wire Serial Interface) to
communicate with the application processor. Through
the interface, processor can enable or disable the
outputs, and set the output voltage, as well as get the
power status and “fuel gauge” data, High-precision ADC
makes it convenient for consumer real-time control and
know the system power dissipation, which brings them
wonderful experience of device electricity usage that
never had before.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com