Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FS98O24 Datasheet(PDF) 13 Page - Fortune Semiconductor Corp.

Part # FS98O24
Description  8-bit MCU with 4k program EPROM, 256-byte RAM
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O24 Datasheet(HTML) 13 Page - Fortune Semiconductor Corp.

Back Button FS98O24 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 17Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
1.10. Functional Block Diagram
Figure 1-2 FS98O24 function block
Freq Synthesis
8 bits
Freq Counter
Dual 24 bits
OTP
Program
Memory
4k x 16
bits
REFO,
REFI
DMM
Network
FSC 8-bit
CPU Core
Data
Memory
256
bytes
Clock sys
Internal
580KHZ
External
32768Hz
or 4MHz
LCD
Driver
4 * 20 LCD
Timer
8 bits
OP-
Amp
* 2
ΣΔ ADC
14 bits
Power
Module
FTB,FTC
AGND
SEG[1:20]
COM[1:4]
LCA,LCB
V1,V2,V3
GPIO - PT1, PT2
Buzzer, Ext. INT, UART
PT1[3:2]
/TXD,RXD
PT1[5:4]
/FSO,FSI
PT1[6]
/CNTI
PT2[7:6]
/ BZ
Watchdog
8 bits
OPxx
PT1[0]
/ INT
VDDA,VB
VDDP,VSSP
VGG,CA,CB
PT2[5:0]
PT1[7]
PT1[1]
Pin Number
10~27
VDD
VSS
VPP
RST
TST
XOUT
XIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com