Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TL7700CMPWPSEP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL7700CMPWPSEP
Description  radiation hardened supply-voltage supervisor in space enhanced plastic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL7700CMPWPSEP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL7700CMPWPSEP Datasheet HTML 2Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 3Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 4Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 5Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 6Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 7Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 8Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 9Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
1
1
101
102
103
104
105
106
107
108
109
101 102 103 104 105 106 107 108 109
Ct − Timing Capacitor − pF
0
−1.0
−0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.1 0.2 0.3 0.4 0.5 0.6 1.0
10
40
Vs − Sense Input Voltage − V
0
1
2
3
4
5
6
0
0.2
0.4
0.6
0.8
1.0
1.2
IOL − Low-Level Output Current − mA
TA = 125 C
°
TA = 25 C
°
TA = −55 C
°
−75
488
490
492
494
496
498
500
502
504
506
−50 −25
0
25
50
75 100 125 150
TA − Free-Air Temperature − °C
TA = 25°C
Vs = 500.8 mV
TA = 25°C
Vs = 498.3 mV
0
10
20
30
40
50
60
0
0.2
0.4
0.6
0.8
1.0
1.2
TA = −55 C
°
TA = 25 C
°
TA = 125 C
°
VCC − Supply Voltage − V
0
10
20
30
40
50
60
10
11
12
13
14
15
16
VCC − Supply Voltage − V
TA = 125 C
°
TA = 25 C
°
TA = −55 C
°
6
TL7700-SEP
SLVSF13 – MARCH 2019
www.ti.com
Product Folder Links: TL7700-SEP
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6.7 Typical Characteristics
Data at high and low temperatures are applicable only within the recommended operating conditions.
Figure 1. Supply Current vs Supply Voltage
Figure 2. Timing Capacitor Charge Current vs Supply
Voltage
Figure 3. VOL vs IOL
Figure 4. Sense Input Voltage vs Temperature
Figure 5. Sense Input Current vs Sense Input Voltage
Figure 6. Output Pulse Duration vs Timing Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com