Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TL7700CMPWPSEP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL7700CMPWPSEP
Description  radiation hardened supply-voltage supervisor in space enhanced plastic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL7700CMPWPSEP Datasheet(HTML) 1 Page - Texas Instruments

  TL7700CMPWPSEP Datasheet HTML 1Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 2Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 3Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 4Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 5Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 6Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 7Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 8Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Reference
Voltage
+
−
+
−
R
S
Q
+
−
Vs = 500 mV Typ
RESET
GND
CT
SENSE
VCC
ICT (A)
High:
On
IS (A)
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TL7700-SEP
SLVSF13 – MARCH 2019
TL7700-SEP radiation hardened supply-voltage supervisor in space enhanced plastic
1
1 Features
1
•
VID V62/19602
•
Radiation hardened
–
Single event latch-up (SEL) immune to 43
MeV-cm2/mg at 125°C
–
Total ionizing dose (TID) RLAT for every wafer
lot up to 20 krad(Si)
•
Space enhanced plastic
–
Controlled baseline
–
Gold wire
–
NiPdAu lead finish
–
One assembly and test site
–
One fabrication site
–
Available in military (–55°C to 125°C)
temperature range
–
Extended product life cycle
–
Extended product-change notification
–
Product traceability
–
Enhanced mold compound for low outgassing
•
Adjustable sense voltage with two external
resistors
•
1.0% sense voltage tolerance (25°C)
•
Adjustable hysteresis of sense voltage
•
Wide operating supply-voltage range:
1.8 V to 40 V
•
Low power consumption:
ICC = 0.6 mA typical, VCC = 40 V
2 Applications
•
Support low earth orbit space applications
•
Power supervisor for satellites
•
Supervise DPS, MCUs, FPGAs, and ASICs
3 Description
The TL7700-SEP is a bipolar integrated circuit
designed
for
use
as
a
reset
controller
in
microcomputer and microprocessor systems. The
SENSE voltage can be set to any value greater than
0.5 V using two external resistors.
Circuit function is very stable, with supply voltage in
the 1.8-V to 40-V range. Minimum supply current
allows use with ac line operation, portable battery
operation, and automotive applications. The TL7700-
SEP device is designed for operation from –55°C to
125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
V62/19602
TSSOP (8)
3.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Block Diagram


Similar Part No. - TL7700CMPWPSEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7700CDGKR TI-TL7700CDGKR Datasheet
774Kb / 22P
SUPPLY-VOLTAGE SUPERVISOR
TL7700CDGKR TI1-TL7700CDGKR Datasheet
1Mb / 23P
SUPPLY-VOLTAGE SUPERVISOR
TL7700CDGKR TI2-TL7700CDGKR Datasheet
983Kb / 31P
TL7700 Supply-Voltage Supervisor
REVISED AUGUST 2016
TL7700CDGKR.A TI2-TL7700CDGKR.A Datasheet
983Kb / 31P
TL7700 Supply-Voltage Supervisor
REVISED AUGUST 2016
TL7700CDGKRG4 TI1-TL7700CDGKRG4 Datasheet
1Mb / 23P
SUPPLY-VOLTAGE SUPERVISOR
More results

Similar Description - TL7700CMPWPSEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1704-SEP TI1-TLV1704-SEP Datasheet
1Mb / 22P
2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
SN55HVD233-SEP TI1-SN55HVD233-SEP Datasheet
1Mb / 33P
3.3-V Radiation Hardened CAN Transceiver in Space Enhanced Plastic
SN55HVD233-SEP TI1-SN55HVD233-SEP_19 Datasheet
1Mb / 35P
3.3-V Radiation Hardened CAN Transceiver in Space Enhanced Plastic
TLV1704-SEP TI1-TLV1704-SEP_19 Datasheet
1Mb / 22P
2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
TPS7H4010-SEP TI-TPS7H4010-SEP Datasheet
2Mb / 46P
TPS7H4010-SEP Radiation Hardened 3.5-V to 32-V, 6-A Synchronous Step-Down Voltage Converter in Space Enhanced Plastic
TPS7H4010-SEP TI-TPS7H4010-SEP_V01 Datasheet
2Mb / 49P
TPS7H4010-SEP Radiation Hardened 3.5-V to 32-V, 6-A Synchronous Step-Down Voltage Converter in Space Enhanced Plastic
TPS7H4010-SEP-V02 TI-TPS7H4010-SEP-V02 Datasheet
2Mb / 49P
TPS7H4010-SEP Radiation Hardened 3.5-V to 32-V, 6-A Synchronous Step-Down Voltage Converter in Space Enhanced Plastic
TPS7H4010-SEP TI-TPS7H4010-SEP_V03 Datasheet
3Mb / 51P
TPS7H4010-SEP Radiation Hardened 3.5-V to 32-V, 6-A Synchronous Step-Down Voltage Converter in Space Enhanced Plastic
DECEMBER 2021
TPS7H4010-SEP TI-TPS7H4010-SEP_V04 Datasheet
3Mb / 52P
TPS7H4010-SEP Radiation Hardened 3.5-V to 32-V, 6-A Synchronous Step-Down Voltage Converter in Space Enhanced Plastic
REVISED DECEMBER 2021
TPS7H4010-SEP TI-TPS7H4010-SEP_V05 Datasheet
3Mb / 52P
TPS7H4010-SEP Radiation Hardened 3.5-V to 32-V, 6-A Synchronous Step-Down Voltage Converter in Space Enhanced Plastic
REVISED DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com