Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFM219SW Datasheet(PDF) 2 Page - HOPE Microelectronics CO., Ltd.

Part # RFM219SW
Description  Embedded EEPROM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM219SW Datasheet(HTML) 2 Page - HOPE Microelectronics CO., Ltd.

  RFM219SW Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 2/35
E-mail:sales@hoperf.com
Abbreviations
Abbreviations used in this data sheet are described below.
ADC
Analog to Digital Converter
NP0
Negative-Positive-Zero
AFC
Automatic-Frequency-Control
NC
Not Connected
AGC
Automatic Gain Control
OOK
On-Off Keying
AN
Application Notes
PC
Personal Computer
BER
Bit Error Rate
PCB
Printed Circuit Board
BOM
Bill of Materials
PLL
Phase Lock Loop
BSC
Basic Spacing between Centers
PN9
Pseudorandom Noise 9
BT
bandwidth-time product
POR
Power On Reset
BW
Bandwidth
PUP
Power Up
CRC
DC
Cyclic Redundancy Check
Direct Current
QFN
Quad Flat No-lead
RESV
Reserved
EEPROM
Electrically Erasable Programmable Read-Only
Memory
RF
Radio Frequency
RFPDK
RF Products Development Kit
ESD
Electro-Static Discharge
RoHS
Restriction of Hazardous Substances
ESR
Equivalent Series Resistance
RSSI
Received Signal Strength Indicator
Ext
Extended
Rx
Receiving, Receiver
FIFO
First In First Out
SAR
Successive Approximation Register
FSK
Frequency-Shift Keying
SMD
Surface Mounted Devices
GFSK
Gauss frequency Shift Keying
SPI
Serial Port Interface
GPO
General Purpose Output
SR
Symbol Rate
HEX
Hexadecimal
STBY
Standby
IF
Intermediate Frequency
TH
Threshold
LNA
Low Noise Amplifier
Tx
Transmission, Transmitter
LO
Local Oscillator
Typ
Typical
LPOSC
Low Power Oscillator
USB
Universal Serial Bus
Max
Maximum
VCO
Voltage Controlled Oscillator
MCU
Microcontroller Unit
WOR
Wake-On Radio
Min
Minimum
XOSC
Crystal Oscillator
MOQ
Minimum Order Quantity
XTAL/Xtal
Crystal
NA
Not Applicable/Not Available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com