Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC880 Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MPC880
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC880 Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MPC880 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
72
Freescale Semiconductor
FEC Electrical Characteristics
15.1 MII and Reduced MII Receive Signal Timing
The receiver functions correctly up to a MII_RX_CLK maximum frequency of 25 MHz + 1%. The reduced MII
(RMII) receiver functions correctly up to a RMII_REFCLK maximum frequency of 50 MHz + 1%. There is no
minimum frequency requirement. In addition, the processor clock frequency must exceed the MII_RX_CLK
frequency – 1%.
Table 34 provides information on the MII and RMII receive signal timing.
Figure 72 shows MII receive signal timing.
Figure 72. MII Receive Signal Timing Diagram
15.2 MII and Reduced MII Transmit Signal Timing
The transmitter functions correctly up to a MII_TX_CLK maximum frequency of 25 MHz +1%. The RMII
transmitter functions correctly up to a RMII_REFCLK maximum frequency of 50 MHz +1%. There is no minimum
frequency requirement. In addition, the processor clock frequency must exceed the MII_TX_CLK frequency – 1%.
Table 34. MII Receive Signal Timing
Num
Characteristic
Min
Max
Unit
M1
MII_RXD[3:0], MII_RX_DV, MII_RX_ERR to MII_RX_CLK setup
5
—
ns
M2
MII_RX_CLK to MII_RXD[3:0], MII_RX_DV, MII_RX_ER hold
5
—
ns
M3
MII_RX_CLK pulse width high
35%
65%
MII_RX_CLK period
M4
MII_RX_CLK pulse width low
35%
65%
MII_RX_CLK period
M1_RMII RMII_RXD[1:0], RMII_CRS_DV, RMII_RX_ERR to RMII_REFCLK
setup
4—
ns
M2_RMII RMII_REFCLK to RMII_RXD[1:0], RMII_CRS_DV, RMII_RX_ERR
hold
2—
ns
M1
M2
MII_RX_CLK (input)
MII_RXD[3:0] (inputs)
MII_RX_DV
MII_RX_ER
M3
M4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com