Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC880 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MPC880
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC880 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPC880 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
73
Freescale Semiconductor
FEC Electrical Characteristics
Table 35 provides information on the MII and RMII transmit signal timing.
Figure 73 shows the MII transmit signal timing diagram.
Figure 73. MII Transmit Signal Timing Diagram
15.3 MII Async Inputs Signal Timing (MII_CRS, MII_COL)
Table 36 provides information on the MII async inputs signal timing.
Table 35. MII Transmit Signal Timing
Num
Characteristic
Min
Max
Unit
M5
MII_TX_CLK to MII_TXD[3:0], MII_TX_EN, MII_TX_ER invalid
5
—
ns
M6
MII_TX_CLK to MII_TXD[3:0], MII_TX_EN, MII_TX_ER valid
—
25
ns
M20_R
MII
RMII_TXD[1:0], RMII_TX_EN to RMII_REFCLK setup
4
—
ns
M21_R
MII
RMII_TXD[1:0], RMII_TX_EN data hold from RMII_REFCLK rising
edge
2—
ns
M7
MII_TX_CLK and RMII_REFCLK pulse width high
35%
65%
MII_TX_CLK or
RMII_REFCLK
period
M8
MII_TX_CLK and RMII_REFCLK pulse width low
35%
65%
MII_TX_CLK or
RMII_REFCLK
period
Table 36. MII Async Inputs Signal Timing
Num
Characteristic
Min
Max
Unit
M9
MII_CRS, MII_COL minimum pulse width
1.5
—
MII_TX_CLK period
M6
MII_TX_CLK (input)
MII_TXD[3:0] (outputs)
MII_TX_EN
MII_TX_ER
M5
M7
M8
RMII_REFCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com