Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UCC2913 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2913
Description  NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2913 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC2913 Datasheet HTML 5Page - Texas Instruments UCC2913 Datasheet HTML 6Page - Texas Instruments UCC2913 Datasheet HTML 7Page - Texas Instruments UCC2913 Datasheet HTML 8Page - Texas Instruments UCC2913 Datasheet HTML 9Page - Texas Instruments UCC2913 Datasheet HTML 10Page - Texas Instruments UCC2913 Datasheet HTML 11Page - Texas Instruments UCC2913 Datasheet HTML 12Page - Texas Instruments UCC2913 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
UCC2913
UCC3913
SLUS274A – JANUARY 1999 – REVISED APRIL 2003
9
www.ti.com
APPLICATION INFORMATION
TIMING DIAGRAM
IOUT
IMAX
IFAULT
Io(nom)
0A
VCT
2.5V
0.5V
0V
0V
VOUT
VSS
t0 t1 t2
t3
t4
t5
t6 t7 t8
t9 t10
t
t
t
Output
Current
CT
Voltage
(w/respect to VSS)
Output
Voltage
(w/respect to GND)
TIME
DESCRIPTION
TIME
DESCRIPTION
t0
Safe condition. Output current is nominal, output voltage is at the negative rail, VSS.
t1
Fault control reached. Output current reaches the programmed fault value. CT begins to charge at approximately
36-
µA.
t2
Maximum current reached. Output current reaches the programmed maximum level and becomes a constant current
with value IMAX.
t3
Fault occurs. CT has charged to 2.5V. Fault output goes high. The FET turns off allowing no output current to flow.
VOUT floats up to ground.
t4
Retry. CT has discharged to 0.5 V, but fault current is still exceeded, CT begins charging again, FET is on, VOUT pulled
down to VSS.
t5
t5 = t3. Illustrates 3% duty cycle.
t6
t6 = t4
t7
Output short circuit. If VOUT is short circuited to ground, CT charges at a higher rate depending upon the values for
VSS and RPL.
t8
Fault occurs. Output is still short circuited, but the occurrence of a fault turns the FET off so no current is conducted.
t9
t9 = t4. Output short circuit released, still in fault mode.
t10
t10 = t0. Fault released. Safe condition. Return to normal operaton of the circuit breaker.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com