Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TP82 Datasheet(PDF) 1 Page - Billiton Ltd.

Part # TP82
Description  LDO linear stabilizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP82 Datasheet(HTML) 1 Page - Billiton Ltd.

  TP82 Datasheet HTML 1Page - Billiton Ltd. TP82 Datasheet HTML 2Page - Billiton Ltd. TP82 Datasheet HTML 3Page - Billiton Ltd. TP82 Datasheet HTML 4Page - Billiton Ltd. TP82 Datasheet HTML 5Page - Billiton Ltd. TP82 Datasheet HTML 6Page - Billiton Ltd. TP82 Datasheet HTML 7Page - Billiton Ltd. TP82 Datasheet HTML 8Page - Billiton Ltd. TP82 Datasheet HTML 9Page - Billiton Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
南京拓微集成电路有限公司
1
PIN UMBER
SOT-23- 5
PIN NAME
FUNCTION
1
VIN
Input
2
VSS
Ground
3
EN
ON/OFF Control
(High Enable)
4
N/C
Not Used
5
VOUT
Output
低压差(LDO)线性稳压器 TP82xx
特 点
特 点
特 点
特 点
220mA 输出电流
低静态电流:50uA
关断功耗(电流): < 0.1 uA
输入电压范围:1.8V~5.5V
输出电压可选:1.25V~5.2V
压差电压:1.8V 输出电压<350mV
2.8V 输出电压<200mV
0.47uF~10uF 陶瓷电容即可保持稳定
过流及温度保护
封装:SOT-23-5 (现已提供无铅封装)
工作温度: - 40℃~ + 85℃
高纹波抑制:
60dB
5KHz
应 用
应 用
应 用
应 用
手机 /无线电话 /数码相 机 /便携式消 费 类
电子产品
MP3/MP4 播放器
便携式/手持式/笔记本电脑
蓝牙及其它射频产品
充电设备
磁盘驱动器
便携式仪器
封 装信 息
封 装信 息
封 装信 息
封 装信 息
描 述
描 述
描 述
描 述
TP82 是一款具有低压、低功耗的高效线性
稳压器。其在满负载时静态电流仅为 50µA,该芯
片适合应用于手机、笔记本电脑及其他便携试设
备。
TP82 是利用低成本陶瓷电容器,以确保稳
定的输出电压。
TP82 的稳压器可在标准的 SOT-23-5/Sc70
封装。(或根据要求封装)
典 型应 用
典 型应 用
典 型应 用
典 型应 用


Similar Part No. - TP82

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP82 ETC2-TP82 Datasheet
245Kb / 2P
78 and 88V Automotive Meters
logo
FENGJUI TECHNOLOGY CO.,...
TP820 FENGJUI-TP820 Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
logo
TECH PUBLIC Electronics...
TP8204HS6 TECHPUBLIC-TP8204HS6 Datasheet
957Kb / 5P
18V 2A 600KHz Syncharonous Step-Down Converter
logo
Shenzhen Tianyuan Semic...
TP8205 TPOWER-TP8205 Datasheet
584Kb / 6P
High precision double winding primary feedback LED constant current driver chip
logo
InnovASIC, Inc
TP82050 INNOVASIC-TP82050 Datasheet
342Kb / 22P
Asynchronous Serial Controller
More results

Similar Description - TP82

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA33V FAIRCHILD-KA33V Datasheet
90Kb / 8P
Voltage Stabilizer
logo
List of Unclassifed Man...
FS8856 ETC2-FS8856 Datasheet
614Kb / 13P
550mA LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3200 AAT-AAT3200 Datasheet
178Kb / 16P
OmniPower??LDO Linear Regulator
3200.2006.02.1.4
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
LDO Linear Regulator
logo
ON Semiconductor
KA33V ONSEMI-KA33V Datasheet
336Kb / 9P
Voltage Stabilizer
July 2013 Rev. 1.1.0
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
200mA LDO Linear Regulator
logo
DATEL, Inc.
LVR-7815LE DATEL-LVR-7815LE Datasheet
149Kb / 1P
LDO Linear Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com