Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TOP250 Datasheet(PDF) 6 Page - Guangdong Kexin Industrial Co.,Ltd

Part # TOP250
Description  TOPSwitch -GX Family Extended Power, Design Flexible, EcoSmart,Integrated Off-line Switcher
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

TOP250 Datasheet(HTML) 6 Page - Guangdong Kexin Industrial Co.,Ltd

  TOP250 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd TOP250 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd TOP250 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd TOP250 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd TOP250 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd TOP250 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SMD Type
Integrate Circuit
www.kexin.com.cn
6
TOP250
0
100
200
300
400
500
600
10
100
1000
10000
Drain Voltage (V)
600
400
500
200
100
300
0
0
200
100
400
500
300
600
DRAIN Voltage (V)
TOP250 1.17
Figure 15. C
OSS vs. DRAIN Voltage.
2
1.2
1.6
0
0
20
40
60
80
100
DRAIN Voltage (V)
IC vs. DRAIN VOLTAGE
0.4
0.8
V
C = 5 V
Figure 13. Output Characteristics.
1.2
0.8
1.0
0
-50
0
50
100
150
Junction Temperature (
°C)
0.2
0.4
0.6
Figure 17. Remote OFF DRAIN Supply Current
vs. Temperature.
6
5
0
0
24
6
8 10 12 14 16 18 20
DRAIN Voltage (V)
2
1
T
CASE = 25 °C
T
CASE = 100 °C
4
3
Figure 14. I
C vs. DRAIN Voltage.
Figure 16. DRAIN Capacitance Power.
TOP250 1.17
TOP250 1.17



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com