Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TOP250 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # TOP250
Description  TOPSwitch -GX Family Extended Power, Design Flexible, EcoSmart,Integrated Off-line Switcher
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

TOP250 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  TOP250 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd TOP250 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd TOP250 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd TOP250 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd TOP250 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd TOP250 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.kexin.com.cn
1
SMD Type
Integrate Circuit
S
S
S
G
D
D
D
D
TOPSwitch -GX Family Extended Power, Design
Flexible, EcoSmart,Integrated Off-line Switcher
TOP250
■ Features
● Extended power range to 290 W
● Features eliminate or reduce cost of external components
● Fully integrated soft-start for minimum stress/overshoot
● Externally programmable accurate current limit
● Wider duty cycle for more power, smaller input capacitor
● Line under-voltage (UV) detection: no turn off glitches
● Line overvoltage (OV) shutdown extends line surge limit
● Line feed forward with maximum duty cycle (DCMAX)
reduction rejects line ripple and limits DCMAX at high line
● Frequency jittering reduces EMI and EMI filtering costs
● Regulates to zero load without dummy loading
● 132 kHz frequency reduces transformer/power supply size
● Half frequency option in Y/R/F packages for video applications
● Hysteretic thermal shutdown for automatic fault recovery
● Large thermal hysteresis prevents PC board overheating
■ Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
DRAIN Voltage
VD
-0.3 to 700
V
DRAIN Peak Current
ID
10.08
A
CONTROL Voltage
VCON
- 0.3 V to 9
V
CONTROL Current
ICON
100
mA
Thermal Resistance Junction-Ambient
RθJA
45
℃/W
Junction Operating Temperature
Tj
-40 to 150
℃
Storage Temperature
Tstg
-65 to 150
℃
Functional Block Diagram
■
PI-2631-061200
SHUTDOWN/
AUTO-RESTART
PWM
COMPARATOR
CLOCK
SAW
CONTROLLED
TURN-ON
GATE DRIVER
CURRENT LIMIT
COMPARATOR
INTERNAL UV
COMPARATOR
INTERNAL
SUPPLY
5.8 V
4.8 V
SOURCE (S)
S
R
Q
DMAX
STOP SOFT-
START
-
+
CONTROL (C)
MULTI-
FUNCTION (M)
-
+
5.8 V
IFB
RE
ZC
VC
+
-
LEADING
EDGE
BLANKING
÷ 8
1
HYSTERETIC
THERMAL
SHUTDOWN
SHUNT REGULATOR/
ERROR AMPLIFIER
+
-
DRAIN (D)
ON/OFF
SOFT
START
DCMAX
VBG
DCMAX
VBG + VT
0
OV/UV
VI (LIMIT)
CURRENT
LIMIT
ADJUST
LINE
SENSE
SOFT START
LIGHT LOAD
FREQUENCY
REDUCTION
STOP LOGIC
OSCILLATOR WITH JITTER
M
S
Control
S
S
D
S


Similar Part No. - TOP250

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP250 POWERINT-TOP250 Datasheet
449Kb / 52P
TOPSwitch -GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP250 POWERINT-TOP250 Datasheet
3Mb / 54P
Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
October 2020
TOP250F POWERINT-TOP250F Datasheet
449Kb / 52P
TOPSwitch -GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP250F POWERINT-TOP250F Datasheet
2Mb / 52P
TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP250F POWERINT-TOP250F Datasheet
2Mb / 52P
Extended Power, Design Flexible EcoSmart, Integrated Off-line Switcher
More results

Similar Description - TOP250

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP242-249 POWERINT-TOP242-249 Datasheet
771Kb / 48P
Family Extended Power, Design Flexible,Integrated Off-line Switcher
TOP250 POWERINT-TOP250 Datasheet
449Kb / 52P
TOPSwitch -GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP242-250 POWERINT-TOP242-250 Datasheet
2Mb / 52P
TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
logo
Power Analog Micoelectr...
TOP232PN PAM-TOP232PN Datasheet
644Kb / 36P
TOPSwitch-FX Family Design Flexible, EcoSmart짰, Integrated Off-line Switcher
logo
Power Integrations, Inc...
TOP232PN POWERINT-TOP232PN Datasheet
644Kb / 36P
Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP234PN POWERINT-TOP234PN Datasheet
644Kb / 36P
Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP234G-TL POWERINT-TOP234G-TL Datasheet
644Kb / 36P
Design Flexible, EcoSmart® , Integrated Off-line Switcher
July 2001
TOP242 POWERINT-TOP242 Datasheet
2Mb / 52P
Extended Power, Design Flexible EcoSmart, Integrated Off-line Switcher
TOP232 POWERINT-TOP232 Datasheet
3Mb / 38P
Design Flexible, EcoSmart, Integrated Off-Line Switcher
October 2020
TOP242 POWERINT-TOP242_V01 Datasheet
3Mb / 54P
Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
October 2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com