Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GTVA262711FA-V2-R0 Datasheet(PDF) 5 Page - Cree, Inc

Part # GTVA262711FA-V2-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 300 W, 48 V, 2620 ??2690 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

GTVA262711FA-V2-R0 Datasheet(HTML) 5 Page - Cree, Inc

  GTVA262711FA-V2-R0 Datasheet HTML 1Page - Cree, Inc GTVA262711FA-V2-R0 Datasheet HTML 2Page - Cree, Inc GTVA262711FA-V2-R0 Datasheet HTML 3Page - Cree, Inc GTVA262711FA-V2-R0 Datasheet HTML 4Page - Cree, Inc GTVA262711FA-V2-R0 Datasheet HTML 5Page - Cree, Inc GTVA262711FA-V2-R0 Datasheet HTML 6Page - Cree, Inc GTVA262711FA-V2-R0 Datasheet HTML 7Page - Cree, Inc GTVA262711FA-V2-R0 Datasheet HTML 8Page - Cree, Inc GTVA262711FA-V2-R0 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 04.2, 2019-01-07
5
GTVA262711FA
Typical Performance (cont.)
0
10
20
30
40
50
60
70
13
14
15
16
17
18
19
20
27
32
37
42
47
52
57
Output Power (dBm)
CW Performance at various VDD
IDQ = 320 mA, ƒ = 2690 MHz
(series show supply voltage)
44 V
48 V
52 V
g262711fa-gr6
Gain
Efficiency
-35
-30
-25
-20
-15
-10
-5
10
12
14
16
18
20
22
2450
2550
2650
2750
2850
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ = 320 mA
Gain
IRL
g262711fa-gr7
Pulsed CW signal–10µsec,10%dutycycle;48V,320mA
P3dB
ClassAB
MaxOutputPower
MaxDrainEfficiency
Freq
[MHz]
Zsource
[
W]
ZL2ƒ0
[
W]
Zload
[
W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
Zload
[
W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
2620
8.3–j4.7
1.2+j0
2.75–j4.56
15.5
55.48
353
60.7
2.5–j2.94
16.8
54.52
283
68.0
2655
6.7–j4.3
1.3+j0
2.79–j4.59
15.5
55.46
352
60.8
2.14–j2.85
17.2
53.83
242
66.3
2690
5.6–j5.2
1.2+j0
2.85–j4.50
15.4
55.43
349
60.2
2.46–j3.03
16.7
54.38
274
65.9
Load Pull Performance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com