Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GD25LE20C Datasheet(PDF) 26 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE20C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE20C Datasheet(HTML) 26 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE20C Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
26
7.9 Quad Output Fast Read (6BH)
The Quad Output Fast Read command is followed by 3-byte address (A23-A0) and a dummy byte, and each bit is latched
in on the rising edge of SCLK, then the memory contents are shifted out 4-bit per clock cycle from IO3, IO2, IO1 and IO0.
The command sequence is shown in followed Figure10. The first byte addressed can be at any location. The address is
automatically incremented to the next higher address after each byte of data is shifted out. The Quad Enable bit (QE) of
Status Register (S9) must be set to enable for the Quad Output Fast Read command.
Figure10. Quad Output Fast Read Sequence Diagram
Command
0
1
2
3
4
5
6
7
6BH
CS#
SCLK
SI(IO0)
SO(IO1)
High-Z
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
34 35 36 37
33
1
5
1
5
1
5
1
38 39
Byte1
32
42 43 44 45
41
46 47
40
5
Dummy Clocks
0
4
0
4
0
4
0
4
4
5
WP#(IO2)
High-Z
HOLD#(IO3)
High-Z
CS#
SCLK
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
2
6
2
6
2
6
2
6
6
3
7
3
7
3
7
3
7
7
Byte2 Byte3 Byte4
7.10 Dual I/O Fast Read (BBH)
The Dual I/O Fast Read command is similar to the Dual Output Fast Read command but with the capability to input the 3-
byte address (A23-
0) and a “Continuous Read Mode” byte 2-bit per clock by SI and SO, and each bit is latched in on the
rising edge of SCLK, then the memory contents are shifted out 2-bit per clock cycle from SI and SO. The command sequence
is shown in followed Figure11. The first byte addressed can be at any location. The address is automatically incremented
to the next higher address after each byte of data is shifted out.
Dual I/O Fast Read with
“Continuous Read Mode”
The Dual I/O Fast Read command
can further reduce command overhead through setting the “Continuous Read Mode” bits
(M7-0) after the input 3-byte address (A23-A0).
If the “Continuous Read Mode” bits (M5-4) = (1, 0), then the next Dual I/O
Fast Read command (after CS# is raised and then lowered) does not require the BBH command code. The command
sequence is shown in followed Figure11.
If the “Continuous Read Mode” bits (M5-4) do not equal (1, 0), the next command
requires the command code, thus returning to normal oper
ation. A “Continuous Read Mode” Reset command can be used
to reset (M5-4) before issuing normal command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com