Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GD25LE20C Datasheet(PDF) 11 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE20C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE20C Datasheet(HTML) 11 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE20C Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
11
5
DATA PROTECTION
The GD25LE40C/20C/10C/05C provide the following data protection methods:
◆
Write Enable (WREN) command: The WREN command is set the Write Enable Latch bit (WEL). The WEL bit will
return to reset by the following situation:
-Power-Up/-Software reset (66H+99H)
-Write Disable (WRDI)
-Write Status Register (WRSR)
-Page Program (PP)
-Sector Erase (SE) / Block Erase (BE) / Chip Erase (CE)
◆
Software Protection Mode: The Block Protect (BP4, BP3, BP2, BP1, and BP0) bits define the section of the memory
array that can be read but not change.
◆
Hardware Protection Mode: WP# goes low to protect the BP0~BP4 bits and SRP0~1 bits.
◆
Deep Power-Down Mode: In Deep Power-Down Mode, all commands are ignored except the Release from Deep
Power-Down Mode command and software reset (66H+99H).
Table1. GD25LE40C Protected area size (CMP=0)
Status Register Content
Memory Content
BP4
BP3
BP2
BP1
BP0
Blocks
Addresses
Density
Portion
X
X
0
0
0
NONE
NONE
NONE
NONE
0
0
0
0
1
7
070000H-07FFFFH
64KB
Upper 1/8
0
0
0
1
0
6 and 7
060000H-07FFFFH
128KB
Upper 1/4
0
0
0
1
1
4 to 7
040000H-07FFFFH
256KB
Upper 1/2
0
1
0
0
1
0
000000H-00FFFFH
64KB
Lower 1/8
0
1
0
1
0
0 and 1
000000H-01FFFFH
128KB
Lower 1/4
0
1
0
1
1
0 to 3
000000H-03FFFFH
256KB
Lower 1/2
0
X
1
X
X
0 to 7
000000H-07FFFFH
512KB
ALL
1
0
0
0
1
7
07F000H-07FFFFH
4KB
Top Block
1
0
0
1
0
7
07E000H-07FFFFH
8KB
Top Block
1
0
0
1
1
7
07C000H-07FFFFH
16KB
Top Block
1
0
1
0
X
7
078000H-07FFFFH
32KB
Top Block
1
0
1
1
0
7
078000H-07FFFFH
32KB
Top Block
1
1
0
0
1
0
000000H-000FFFH
4KB
Bottom Block
1
1
0
1
0
0
000000H-001FFFH
8KB
Bottom Block
1
1
0
1
1
0
000000H-003FFFH
16KB
Bottom Block
1
1
1
0
X
0
000000H-007FFFH
32KB
Bottom Block
1
1
1
1
0
0
000000H-007FFFH
32KB
Bottom Block
1
X
1
1
1
0 to 7
000000H-07FFFFH
512KB
ALL
Table1a. GD25LE40C Protected area size (CMP=1)
Status Register Content
Memory Content
BP4
BP3
BP2
BP1
BP0
Blocks
Addresses
Density
Portion
X
X
0
0
0
0 to 7
000000H-07FFFFH
512KB
ALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com