Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW2N60 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SW2N60
Description  This power MOSFET is produced in CHMC with advanced VDMOS technology of SAMWIN.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SW2N60 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SW2N60 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW2N60 Datasheet HTML 2Page - List of Unclassifed Manufacturers SW2N60 Datasheet HTML 3Page - List of Unclassifed Manufacturers SW2N60 Datasheet HTML 4Page - List of Unclassifed Manufacturers SW2N60 Datasheet HTML 5Page - List of Unclassifed Manufacturers SW2N60 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SAMWIN
SW2N60
REV0.2
04.11.1
3/6
Fig 1. On-State Characteristics
Fig 3. On Resistance Variation vs.
Drain Current and Gate Voltage
Fig 4. On State Current vs.
Allowable Case Temperature
Fig 2. Transfer Characteristics
Fig 6. Gate Charge Characteristics
Fig 5. Capacitance Characteristics
(Non-Repetitive)
10
0
10
1
10
-1
10
0
V
ds
,Drain-to-Source voltage [V]
4.0V
VGS
top: 15V
10V
9V
8V
7V
6V
5.5V
5V
4.5V
bottom:4.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2
3
4
5
6
7
8
I
D
, Drain Current[A]
V
GS
=10V
V
GS
=20V
150℃
25℃
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
-1
10
0
10
1
∗ Note:
1.v
GS
=0v
2.250us test
V
SD
,Source-Drain Voltage[V]
0
5
10
15
20
0
2
4
6
8
10
12
Q
G
,Total Gate Charge [nC]
V
DS
=120V
V
DS
=300V
V
DS
=480V
Note:I
D
=1.8A
24
68
10
10
-1
10
0
25
oC
V
GS
, Gate-Source Voltage [V]
150
oC
Note:
1.V
DS
=50V
2.250us pulse test.
10
-1
10
0
10
1
0
100
200
300
400
500
Note:
1.V
GS
=0V
2.f=1MHz.
C
rss
C
iss
C
oss
V
DC
,Drain-Source Voltage [V]
Ciss = Cgs+Cgd(Cds=shorted)
Coss= Cds+Cgd
Crss = Cgd



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com