Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW2N60 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SW2N60
Description  This power MOSFET is produced in CHMC with advanced VDMOS technology of SAMWIN.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SW2N60 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SW2N60 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW2N60 Datasheet HTML 2Page - List of Unclassifed Manufacturers SW2N60 Datasheet HTML 3Page - List of Unclassifed Manufacturers SW2N60 Datasheet HTML 4Page - List of Unclassifed Manufacturers SW2N60 Datasheet HTML 5Page - List of Unclassifed Manufacturers SW2N60 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SAMWIN
SW2N60
REV0.2
04.11.1
4/6
Fig 7. Breakdown Voltage Variation vs.
Junction Temperature
Fig 8. On-Resistance Variation vs.
Junction Temperature
Fig 11. Transient Thermal Response Curve
Fig 10. Maximum Drain Current
Vs. Case Temperature
Fig9. Maximum Safe Operating
25
50
75
100
125
150
0
1
2
T
c
,Case Temperature [
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
∗ No t e :
1. Z
Θ JC (t)= 2 . 9
o C/ w M a x
2. D u t y F act o r , D = t 1/ t 2
3. T j - T c= P
DM
* Z
Θ JC (t)
SI N G L E PU L SE
t
1
, S qu ar e W av e P ul s e D u r at i on ( s ec )
0. 01
0. 02
0. 05
0. 1
0. 2
0. 5
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
Note:
1.Tc=25°C
2.Tj=150°C
3.Single Pulse
Operation In This Area
Limted By R
DS(ON)
10ms
1ms
100us
V
D
,Drain-Source Voltage[V]
-100
-50
0
50
100
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Note:
1.V
GS
=10V
2.I
D
=0.9A
T
J
,Junction Temperature[
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
∗ Note:
1.V
GS
=0V
2.I
D
=250uA
T
J
,Junction Temperatur [
oC]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com