Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

E13 Datasheet(PDF) 2 Page - ZF Friedrichshafen AG

Part # E13
Description  Single Pole General Purpose
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

E13 Datasheet(HTML) 2 Page - ZF Friedrichshafen AG

  E13 Datasheet HTML 1Page - ZF Friedrichshafen AG E13 Datasheet HTML 2Page - ZF Friedrichshafen AG E13 Datasheet HTML 3Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.cherryswitches.com
Page 2 of 3, Last saved by 2015-03-02, Specifications subject to change without notice.
Actuator Specifications
3
E13/G13 Series
Actuator
Max
Operating
Force
Max
Pre-Travel
Operating Point
4
Min Over-
Travel
Max
Movement
Differential
Actuation
Length
5
g (lb)
mm (in)
mm (in)
mm (in)
mm (in)
mm (in)
E
425 (0.94)
1.27 (0.050)
7.24 ± 0.51 (0.285 ± 0.020)
2.54 (0.100)
0.38 (0.015)
N/A
H
100 (0.22)
6.35 (0.250)
7.93 ± 1.57 (0.312 ± 0.062)
4.75 (0.187)
2.36 (0.093)
38.10 (1.500)
H
High ratio
65 (0.14)
8.71 (0.343)
7.14 ± 1.57 (0.281 ± 0.062)
4.75 (0.187)
3.56 (0.14)
44.45 (1.750)
J
425 (0.94)
1.27 (0.050)
17.02 ± 0.76 (0.670 ± 0.030)
2.74 (0.108)
0.38 (0.015)
N/A
K
100 (0.22)
6.35 (0.250)
18.24 ± 1.57 (0.718 ± 0.062)
4.75 (0.187)
2.36 (0.093)
35.33 (1.391)
K
High ratio
63 (0.14)
10.24 (0.403)
17.45 ± 1.57 (0.687 ± 0.062)
4.75 (0.187)
2.36 (0.093)
41.28 (1.625)
M
425 (0.94)
1.27 (0.050)
20.63 ± 0.76 (0.812 ± 0.030)
5.54 (0.218)
0.38 (0.015)
N/A
E14 Series
Actuator
Max
Operating
Force
Max
Pre-Travel
Operating Point
4
Min Over-
Travel
Max
Movement
Differential
Actuation
Length
5
g (lb)
mm (in)
mm (in)
mm (in)
mm (in)
mm (in)
A
850 (1.87)
2.54 (0.100)
6.30 ± 0.66 (0.248 ± 0.026)
1.27 (0.050)
0.38 (0.015)
N/A
H
280 (0.62)
7.93 (0.312)
11.89 ± 1.57 (0.468 ± 0.062)
2.67 (0.105)
1.27 (0.050)
20.85 (0.821)
H
High ratio
170 (0.37)
13.34 (0.525)
11.10 ± 1.57 (0.437 ± 0.062)
5.54 (0.218)
2.03 (0.080)
27.20 (1.071)
J
850 (1.87)
2.54 (0.100)
16.08 ± 0.76 (0.633 ± 0.030)
1.27 (0.050)
0.38 (0.015)
N/A
K
285 (0.63)
8.84 (0.348)
21.84 ± 1.57 (0.860 ± 0.062)
3.30 (0.130)
1.14 (0.045)
17.48 (0.688)
K
High ratio
211 (0.47)
12.27 (0.483)
21.03 ± 1.57 (0.828 ± 0.062)
5.54 (0.218)
1.85 (0.073)
23.95 (0.943)
M
850 (1.87)
2.54 (0.100)
19.69 ± 0.76 (0.775 ± 0.030)
4.27 (0.168)
0.38 (0.015)
N/A
3Contact factory regarding combinations not shown
4Measured above reference line; refer to dimensional drawing below
5Actuator tolerances ± 0.791 mm (0.031”); G13 has operating point tolerance of ± 7.62 (0.30); E14 H and K actuators are shorter and formed up
11⁰ at the button
Material Specifications
Case
General Purpose Phenolic
Actuating Button
Thermoplastic
Common Terminal
Copper Alloy
NO and NC Terminal
Copper Alloy (E13, G13)
Copper (E14)
Moving Blade
Copper Alloy (E13, G13)
Copper (E14)
Spring
Stainless Steel
Auxiliary Actuators
Cold-Rolled Steel (Nickel-Plated)
Roller
Sintered Stainless Steel
Contacts
Gold Crosspoint (G13)
Silver Alloy (E13, E14)
Dimensions – see page 3
Environmental Specifications
Temperature Rating
105 ⁰C (221 ⁰F) standard
150 ⁰C (302 ⁰F) available
200 ⁰C (392 ⁰F) available for E13
Flammability Rating
UL94HB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com