Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

E13 Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # E13
Description  Single Pole General Purpose
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

E13 Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  E13 Datasheet HTML 1Page - ZF Friedrichshafen AG E13 Datasheet HTML 2Page - ZF Friedrichshafen AG E13 Datasheet HTML 3Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.cherryswitches.com
Page 1 of 3, Last saved by 2015-03-02, Specifications subject to change without notice.
Snap Action Switch
Single Pole General Purpose
E13, E14, G13
Features
Typical Applications
Choice of 3 current ratings
Long life coil spring, snap action mechanism
Agency approved extended life versions available
RoHS compliant
High temperature versions available – contact factory
Household appliances
Automated assembly lines
Brake switch on utility vehicles
Industrial and accessible door openers
Vending machines
Part Number Breakdown
E13-00E0
Example: E13-00E0 is a 15 A, normally open SPDT pole switch with a standard ratio button
actuator.
Series Type
Type
1
Circuitry
Actuator
1
E13
Single pole
15 A
0
Standard ratio actuator
or button
0
Double Throw
A
Button for E14
E14
Single pole
25 A
5
High ratio actuator
1
Normally Open
E
Button for E13
G13
Single pole
0.1 A
2
Normally Closed
H
Lever
J
Button with ferrule
1Actuator Type 5 only available with H and K actuators
K
Roller
M
Button with extra
over-travel and
ferrule
Electrical Specifications per UL1054
E13
2
6000 operations; 100,000 available – contact factory
15 A, 125 / 250 VAC
¾ HP, 125 VAC / 1 ½ HP, 250 VAC
22 A, 48 VDC
E14
2
6000 operations
25 A, 125 / 250 VAC
1 HP, 125 VAC / 2 HP, 250 VAC
22 A, 48 VDC
G13
100,000 operations
0.1 A, 125 VAC
0.1 A, 30 VDC
2DC ratings to 105 ⁰C (221 ⁰F) only
Commonly Stocked Distributor Parts
E13-00E0
E13-00M0
E14-00A0
E14-01M0
E13-00H0
E13-01E0
E14-00H0
E14-50H0
E13-00J0
E13-01H0
E14-00K0
G13-00M0
E13-00K0
E13-50H0
E14-00M0
G13-50H0
Notes:
Part numbers with a leading 0 are functionally no different than without a leading 0 (ex.: 0E13-00E0 is the same switch as E13-00E0).
Quick-connect terminals are standard; for custom screw terminals, contact the factory or your distributor.
For configurable part numbers not listed above or for custom part numbers, contact the factory or your distributor


Similar Part No. - E13

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
E13 DBLECTRO-E13 Datasheet
447Kb / 2P
D-SUM PCB RIGHT ANGLE(9.4MM W/O REAR COVER)
logo
Cherry Semiconductor Co...
E13 CHERRY-E13 Datasheet
3Mb / 3P
5 current ratings
E13-00E0 CHERRY-E13-00E0 Datasheet
361Kb / 3P
Snap Action Switch Single Pole General Purpose
E13-00H0 CHERRY-E13-00H0 Datasheet
361Kb / 3P
Snap Action Switch Single Pole General Purpose
E13-00J CHERRY-E13-00J Datasheet
784Kb / 3P
GENERAL PURPOSE ??SINGLE POLE E Series
More results

Similar Description - E13

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741 Datasheet
490Kb / 11P
GENERAL-PURPOSE SINGLE OP-AMPs
Dec 1988
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
Single General Purpose Voltage Comparator
logo
Cherry Semiconductor Co...
0012-0023 CHERRY-0012-0023 Datasheet
784Kb / 3P
GENERAL PURPOSE - SINGLE POLE
E13-00J CHERRY-E13-00J Datasheet
784Kb / 3P
GENERAL PURPOSE ??SINGLE POLE E Series
E1901A CHERRY-E1901A Datasheet
158Kb / 3P
GENERAL PURPOSE ??SINGLE & DOUBLE POLE ESeries
logo
STMicroelectronics
UA741MN STMICROELECTRONICS-UA741MN Datasheet
315Kb / 11P
General-purpose single operational amplifier
September 2013
logo
Cherry Semiconductor Co...
E19-50K CHERRY-E19-50K Datasheet
338Kb / 3P
GENERAL PURPOSE ??DOUBLE POLE
E13-00E0 CHERRY-E13-00E0 Datasheet
361Kb / 3P
Snap Action Switch Single Pole General Purpose
E19-00A0 CHERRY-E19-00A0 Datasheet
532Kb / 3P
Snap Action Switch Double Pole General Purpose
logo
ZF Friedrichshafen AG
E19 ZFSWITCHES-E19 Datasheet
532Kb / 3P
Double Pole General Purpose
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com