Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SMI6B Datasheet(PDF) 2 Page - CUI INC

Part # SMI6B
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SMI6B Datasheet(HTML) 2 Page - CUI INC

  SMI6B Datasheet HTML 1Page - CUI INC SMI6B Datasheet HTML 2Page - CUI INC SMI6B Datasheet HTML 3Page - CUI INC SMI6B Datasheet HTML 4Page - CUI INC SMI6B Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date 06/04/2019
│ page 2 of 5
CUI Inc
│ SERIES: SMI6B │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
current
0.2
A
leakage current
at nominal AC input and frequency
0.25
mA
no load power consumption
at 115/ 230 Vac, 60/50 Hz
0.075
W
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
±5
%
load regulation
±5
%
start-up time
at 115 Vac input
3
s
rise time
at 90~264 Vac input
100
ms
hold-up time
at nominal input
5
ms
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over current protection
output shut down, auto recovery
5 Vdc output models
6 Vdc output models
9, 12 Vdc output models
15 Vdc output models
1.8
1.6
1.0
0.8
A
A
A
A
short circuit protection
output shut down, auto recovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output at 10 mA for 1 minute
3,000
4,242
Vac
Vdc
safety approvals
UL/cUL, GS, RCM, CCC, PSE
EMI/EMC
FCCPart15BClassB,CE
MTBF
as per Telcordia SR-332, Issue 2 at 115/230 Vac,
full load, 0~40°C
50,000
hours
RoHS
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
0
40
°C
storage temperature
-20
60
°C
operating humidity
non-condensing
20
85
%
storage humidity
non-condensing
5
95
%
For more information, please visit the product page | For information on related products, view Dc Power Connectors



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com