Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SMI6B Datasheet(PDF) 1 Page - CUI INC

Part # SMI6B
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SMI6B Datasheet(HTML) 1 Page - CUI INC

  SMI6B Datasheet HTML 1Page - CUI INC SMI6B Datasheet HTML 2Page - CUI INC SMI6B Datasheet HTML 3Page - CUI INC SMI6B Datasheet HTML 4Page - CUI INC SMI6B Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 06/04/2019
page 1 of 5
SERIES: SMI6B
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level2
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
SMI6B-5
5
1.2
6
300
VI
SMI6B-6
6
1.0
6
300
VI
SMI6B-9
9
0.66
5.94
300
VI
SMI6B-12
12
0.5
6
300
VI
SMI6B-15
15
0.4
6
300
VI
Notes:
1.Atfullload,100-240Vacinput,20MHzbandwidthoscilloscope,outputterminatedwith0.1μFand10μFcapacitors.
2. CoC Tier 2 compliant
FEATURES
• DoE Level VI, CoC Tier 2 efficiency
• up to 6 W power
• compact design
• interchangeable AC blades
• universal input (90~264 Vac)
• single regulated output from 5~15 Vdc
• over voltage and short circuit protections
• UL/cUL, GS, RCM, CCC, PSE safety approvals
• certified to 62368-1
• custom designs available
PART NUMBER KEY
Base Number
Reserved for Custom
Configurations
SMI6B - XX - X - XXX - CXX
DC Plug Type:
XXX = See output plug options
on page 4 for more details
Output Voltage
Blades:
4 = North America, Europe, United Kingdom,
and Australia blades included
V = North America, Europe, United Kingdom,
Australia, and China blades included
N = North America blade included
E = Europe blade included
B = United Kingdom blade included
A = Australia blade included
C = China blade included
K = No blades included
For more information, please visit the product page | For information on related products, view Dc Power Connectors


Similar Part No. - SMI6B

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI6B CUI-SMI6B Datasheet
763Kb / 5P
AC-DC POWER SUPPLY
09/16/2021
SMI6B-12 CUI-SMI6B-12 Datasheet
763Kb / 5P
AC-DC POWER SUPPLY
09/16/2021
SMI6B-15 CUI-SMI6B-15 Datasheet
763Kb / 5P
AC-DC POWER SUPPLY
09/16/2021
SMI6B-5 CUI-SMI6B-5 Datasheet
763Kb / 5P
AC-DC POWER SUPPLY
09/16/2021
SMI6B-6 CUI-SMI6B-6 Datasheet
763Kb / 5P
AC-DC POWER SUPPLY
09/16/2021
More results

Similar Description - SMI6B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com