Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

D44H Datasheet(PDF) 1 Page - ON Semiconductor

Part # D44H
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

D44H Datasheet(HTML) 1 Page - ON Semiconductor

  D44H Datasheet HTML 1Page - ON Semiconductor D44H Datasheet HTML 2Page - ON Semiconductor D44H Datasheet HTML 3Page - ON Semiconductor D44H Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2014
November, 2014 − Rev. 13
1
Publication Order Number:
D44H/D
D44H Series (NPN),
D45HSeries (PNP)
Complementary Silicon
Power Transistors
These series of plastic, silicon NPN and PNP power transistors can
be used as general purpose power amplification and switching such as
output or driver stages in applications such as switching regulators,
converters and power amplifiers.
Features
Low Collector−Emitter Saturation Voltage
Fast Switching Speeds
Complementary Pairs Simplifies Designs
These Devices are Pb−Free and are RoHS Compliant*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
D44H8, D45H8
D44H11, D45H11
VCEO
60
80
Vdc
Emitter Base Voltage
VEB
5.0
Vdc
Collector Current − Continuous
IC
10
Adc
Collector Current − Peak (Note 1)
ICM
20
Adc
Total Power Dissipation
@ TC = 25°C
@ TA = 25°C
PD
70
2.0
W
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Pulse Width
≤ 6.0 ms, Duty Cycle ≤ 50%.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
1.8
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
62.5
°C/W
Maximum Lead Temperature for Soldering
Purposes: 1/8
″ from Case for 5 Seconds
TL
275
°C
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
TO−220
CASE 221A
STYLE 1
3
4
1
10 AMP COMPLEMENTARY
SILICON POWER
TRANSISTORS 60, 80 VOLTS
2
MARKING
DIAGRAM
D4xHyyG
AYWW
www.onsemi.com
D45H8G
TO−220
(Pb−Free)
50 Units/Rail
ORDERING INFORMATION
D4xHyy
= Device Code
x = 4 or 5
yy = 8 or 11
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
D45H11G
TO−220
(Pb−Free)
50 Units/Rail
D44H11G
TO−220
(Pb−Free)
50 Units/Rail
D44H8G
TO−220
(Pb−Free)
50 Units/Rail
1
BASE
EMITTER 3
COLLECTOR 2, 4
1
BASE
EMITTER 3
COLLECTOR 2, 4
PNP
NPN


Similar Part No. - D44H

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
D44H MOSPEC-D44H Datasheet
157Kb / 3P
POWER TRANSISTORS(10A,30-80V,50W)
logo
Boca Semiconductor Corp...
D44H BOCA-D44H Datasheet
163Kb / 3P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
68Kb / 5P
Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
Inchange Semiconductor ...
D44H ISC-D44H Datasheet
123Kb / 3P
isc Silicon NPN Power Transistors
logo
Rectron Semiconductor
D44H RECTRON-D44H Datasheet
189Kb / 4P
10 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 60,80 VOLTS
More results

Similar Description - D44H

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com