Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

D44H Datasheet(PDF) 2 Page - ON Semiconductor

Part # D44H
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

D44H Datasheet(HTML) 2 Page - ON Semiconductor

  D44H Datasheet HTML 1Page - ON Semiconductor D44H Datasheet HTML 2Page - ON Semiconductor D44H Datasheet HTML 3Page - ON Semiconductor D44H Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
D44H Series (NPN), D45H Series (PNP)
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage
D44H8, D45H8
(IC = 30 mAdc, IB = 0 Adc)
D44H11, D45H11
VCEO(sus)
60
80
−
−
−
−
Vdc
Collector Cutoff Current (VCE = Rated VCEO, VBE = 0)
ICES
−
−
10
mA
Emitter Cutoff Current (VEB = 5.0 Vdc)
IEBO
−
−
10
mA
ON CHARACTERISTICS
DC Current Gain
(VCE = 1.0 Vdc, IC = 2.0 Adc)
(VCE = 1.0 Vdc, IC = 4.0 Adc)
hFE
60
40
−
−
−
−
−
Collector−Emitter Saturation Voltage
(IC = 8.0 Adc, IB = 0.4 Adc)
VCE(sat)
−
−
1.0
Vdc
Base−Emitter Saturation Voltage
(IC = 8.0 Adc, IB = 0.8 Adc)
VBE(sat)
−
−
1.5
Vdc
DYNAMIC CHARACTERISTICS
Collector Capacitance
(VCB = 10 Vdc, ftest = 1.0 MHz)
D44H Series
D45H Series
Ccb
−
−
90
160
−
−
pF
Gain Bandwidth Product
(IC = 0.5 Adc, VCE = 10 Vdc, f = 20 MHz)
D44H Series
D45H Series
fT
−
−
50
40
−
−
MHz
SWITCHING TIMES
Delay and Rise Times
(IC = 5.0 Adc, IB1 = 0.5 Adc)
D44H Series
D45H Series
td + tr
−
−
300
135
−
−
ns
Storage Time
(IC = 5.0 Adc, IB1 = IB2 = 0.5 Adc)
D44H Series
D45H Series
ts
−
−
500
500
−
−
ns
Fall Time
(IC = 5.0 Adc, IB1 = 102 = 0.5 Adc)
D44H Series
D45H Series
tf
−
−
140
100
−
−
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com