Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC5889 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5889
Description  2SC5889
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5889 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5889 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5889 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5889 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5889 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5889
No.7401-3/4
7
5
3
2
1.0
10
0.1
0.01
57
23
7
5
3
2
A S O
VCE(sat) -- IC
コレクタ電流, IC -- A
IT05457
1.0
0.001
0.01
0.1
2
3
5
7
2
3
5
7
2
3
5
7
IT05461
A S O
コレクタ・エミッタ電圧, VCE -- V
0.01
0.1
2
3
5
7
1.0
10
2
3
5
7
2
3
5
7
2
23
5 7
23
5
0.01
0.1
7 1.0
23
5 7
2
10
周囲温度, Ta --
°C
PC -- Ta
IT05462
0
20
40
60
80
100
120
140
160
0
0.1
0.3
0.2
0.4
0.5
0.55
0.6
0.7
0.8
<100
µs
10ms
100ms
IC=5A
ICP=9A
Dissipation
Limit
DC
operation
S /
B
Limit
Ta=25
°C
1パルス
1.0
10
0.1
0.01
VBE(sat) -- IC
コレクタ電流, IC -- A
IT05458
2
1.0
0.1
2
3
5
7
10
27
5
32
3
7
2
55
7
3
3
5
7
25
°C
75°C
Ta= --25°C
IC / IB=50
fT -- IC
コレクタ電流, IC -- A
IT05460
1000
2
3
5
7
5
7
100
2
10
3
0.01
0.1
23
5
7
23
5
7
2
3
1.0
5
VCE=2V
Cob -- VCB
コレクタ・ベース電圧, VCB -- V
IT05459
1.0
35
7
2
10
23
5
10
2
3
100
5
7
f=1MHz
IC / IB=50
Ta=75
°C
25
°C
--25
°C
7
5
3
2
1.0
10
0.1
0.01
57
23
7
5
3
2
VCE(sat) -- IC
コレクタ電流, IC -- A
IT05456
1.0
0.001
0.01
0.1
2
3
5
7
2
3
5
7
2
3
5
7
IC / IB=20
Ta=75
°C
25
°C
--25
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com