Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WLQC Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # WLQC
Description  SMD Square Air Wound Coil Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WLQC Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  WLQC Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WLQC Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WLQC Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WLQC Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WLQC Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WLQC Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WLQC Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WLQC Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WLQC Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Page 4 of 9
ASC_WLQC Series_V7.0
Nov. Y2017
Electrical Characteristics
WLQC0806
Series
Turns
Tolerance
L
(nH)
Q
(min)
Test
Freq
(MHz)
DCR
(mΩ
Ω
Ω
Ω)Max
SRF
(GHz)Typ
Rated
Current
(A) Max
WLQC0806Z05N5PB
3
G、J
5.5
60
400
3.4
4.9
2.9
WLQC0806Z06N0PB
3
G、J
6.0
64
400
6.0
5.2
2.9
WLQC0806Z08N9PB
4
G、J
8.9
90
400
7.0
4.3
2.9
WLQC0806Z012NPB
5
G、J
12.3
90
400
8.0
4.8
2.9
WLQC0806Z016NPB
6
G、J
15.7
90
400
9.0
4.4
2.9
WLQC0806Z019NPB
7
G、J
19.4
90
400
10.0
4.0
2.9
WLQC0807
Series
Turns
Tolerance
L
(nH)
Q
(min)
Test
Freq
(MHz)
DCR
(mΩ
Ω
Ω
Ω)Max
SRF
(GHz)Typ
Rated
Current
(A) Max
WLQC0807Z06N9PB
3
G、J
6.9
100
400
6.0
4.6
2.7
WLQC0807Z010NPB
4
G、J
10.2
100
400
7.0
4.0
2.7
WLQC0807Z011NPB
4
G、J
11.2
90
400
6.3
3.6
2.7
WLQC0807Z014NPB
5
G、J
13.7
100
400
8.0
4.3
2.7
WLQC0807Z017NPB
6
G、J
17.0
100
400
9.0
4.0
2.7
WLQC0807Z022NPB
7
G、J
22.0
100
400
10.0
3.5
2.7
WLQC0908
Series
Turns
Tolerance
L
(nH)
Q
(min)
Test
Freq
(MHz)
DCR
(mΩ
Ω
Ω
Ω)Max
SRF
(GHz)Typ
Rated
Current
(A) Max
WLQC0908Z08N1PB
3
G、J
8.1
130
400
6.0
5.2
4.4
WLQC0908Z012NPB
4
G、J
12.1
130
400
7.0
4.3
4.4
WLQC0908Z015NPB
4
G、J
14.7
90
400
7.2
3.0
4.4
WLQC0908Z017NPB
5
G、J
16.6
130
400
8.0
3.4
4.4
WLQC0908Z022NPB
6
G、J
21.5
130
400
9.0
3.7
4.4
WLQC0908Z023NPB
6
G、J
23.0
130
400
10.0
2.6
4.4
WLQC0908Z025NPB
7
G、J
25.0
130
400
10.0
2.5
4.4
WLQC0908Z027NPB
7
G、J
27.3
130
400
10.0
3.2
4.4
1. Tolerance:J:±5%,G:±2%
2. Inductance & Q measured on the HP4291B. With HP16193A test fixture.
3. SRF measured using the HP8753E
4. Operating temperature range: -40℃ to +125℃.
5. Storage temperature Component:-40℃ to +145℃, Packaging : -40℃. TO +80℃
6. Electrical specifications at 25℃.
7. MSL:LEVEL 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com