Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WLQC Datasheet(PDF) 8 Page - WALSIN TECHNOLOGY CORPORATION

Part # WLQC
Description  SMD Square Air Wound Coil Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WLQC Datasheet(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

  WLQC Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WLQC Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WLQC Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WLQC Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WLQC Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WLQC Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WLQC Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WLQC Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WLQC Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Page 8 of 9
ASC_WLQC Series_V7.0
Nov. Y2017
Packaging Specification
COMPONENTS
NO COMPONENTS
NO COMPONENTS
160 (mm) MIN
CARRIER TAPE REELS (mm)
B
MATERIAL: PLASTIC
COVER TAPE
DIMENSIONS OF CARRIER TAPE (mm)
MAX. 560 (mm)
MIN. 390 (mm)
D
USER DIRECTION OF FEED
C
THICKNESS (t)
0.10 MAX
EMBOSSED CARRIER
END
THE FORCE FOR TEARING OFF COVER TAPE IS 10 TO
130 GRAMS IN THE ARROW DIRECTION.
TOP COVER TAPE
EMBOSSED CAVITY
BASE TAPE
START
165 TO 180°
(Unit:mm)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com