Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OM5156M Datasheet(PDF) 2 Page - NXP Semiconductors

Part # OM5156M
Description  Low-voltage dual frequency synthesizer for radio telephones
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM5156M Datasheet(HTML) 2 Page - NXP Semiconductors

  OM5156M Datasheet HTML 1Page - NXP Semiconductors OM5156M Datasheet HTML 2Page - NXP Semiconductors OM5156M Datasheet HTML 3Page - NXP Semiconductors OM5156M Datasheet HTML 4Page - NXP Semiconductors OM5156M Datasheet HTML 5Page - NXP Semiconductors OM5156M Datasheet HTML 6Page - NXP Semiconductors OM5156M Datasheet HTML 7Page - NXP Semiconductors OM5156M Datasheet HTML 8Page - NXP Semiconductors OM5156M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1995 Nov 24
2
Philips Semiconductors
Product specification
Low-voltage dual frequency
synthesizer for radio telephones
OM5156M
FEATURES
• Low current from 3 V supply
• Fully programmable RF divider
• 3-line serial interface bus
• Second synthesizer to control first IF or offset loop
frequency
• Independent fully programmable reference dividers for
each loop, driven from external crystal oscillator
• Dual phase detector outputs to allow fast frequency
switching
• Dual power-down modes.
APPLICATIONS
• 2 GHz mobile telephones
• Portable battery-powered radio equipment.
GENERAL DESCRIPTION
The OM5156M BICMOS device integrates prescalers,
programmable dividers, and phase comparators to
implement two phase-locked loops. The device is
designed to operate from 3 NiCd cells, in pocket phones,
with low current and a wide supply voltage range from
2.7 to 5.5 V.
The principal synthesizer operates at RF input frequencies
up to 2 GHz the auxiliary synthesizer operates at
300 MHz. The auxiliary loop is intended for the first IF or to
transmit offset loop-frequency settings. Each synthesizer
has a fully programmable reference divider. All divider
ratios are supplied via a 3-wire serial programming bus.
Separate power and ground pins are provided to the
analog and digital circuits. The ground leads should be
externally short-circuited to prevent large currents flowing
across the die and thus causing damage. Digital supplies
VDD1 and VDD2 must also be at the same potential. VCC
must be equal to or greater than VDD (i.e. VDD = 3 V and
VCC = 5 V for wider tuning range).
The principal synthesizer phase detector uses two charge
pumps, one provides normal loop feedback, while the
other is only active during fast mode to speed-up
switching. The auxiliary loop has a separate phase
detector. All charge pump currents (gain) are fixed by an
external resistance at pin ISET (pin 14). Only passive loop
filters are used; the charge-pumps function within a wide
voltage compliance range to improve the overall system
performance.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC, VDD
supply voltage
VCC ≥ VDD
2.7
5.5
V
ICC +IDD
principal synthesizer supply current
auxiliary synthesizer in
power-down mode
9.4
mA
principal and auxiliary synthesizer
supply current
principal and auxiliary
synthesizers ON
12.1
mA
ICCPD, IDDPD current in power-down mode per supply
12
−µA
fVCO
principal input frequency
1700
1890
2000
MHz
fAI
auxiliary input frequency
20
300
MHz
fXTAL
crystal reference input frequency
5
40
MHz
fPPC
principal phase comparator frequency
200
kHz
fAPC
auxiliary phase comparator frequency
200
kHz
Tamb
operating ambient temperature
−30
+85
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
OM5156M
SSOP20
plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com