Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

U4221B Datasheet(PDF) 8 Page - TEMIC Semiconductors

Part # U4221B
Description  Radio Controlled Clock Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4221B Datasheet(HTML) 8 Page - TEMIC Semiconductors

Back Button U4221B Datasheet HTML 4Page - TEMIC Semiconductors U4221B Datasheet HTML 5Page - TEMIC Semiconductors U4221B Datasheet HTML 6Page - TEMIC Semiconductors U4221B Datasheet HTML 7Page - TEMIC Semiconductors U4221B Datasheet HTML 8Page - TEMIC Semiconductors U4221B Datasheet HTML 9Page - TEMIC Semiconductors U4221B Datasheet HTML 10Page - TEMIC Semiconductors U4221B Datasheet HTML 11Page - TEMIC Semiconductors U4221B Datasheet HTML 12Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
U4221B
TELEFUNKEN Semiconductors
Rev. A1, 15-May-96
Preliminary Information
8 (12)
Information Regarding German Transmitter
Station: DCF 77,
Frequency 77.5 kHz,
Transmitting power 50 kW
Location: Mainflingen/Germany,
Geographical coordinates: 50
_ 0.1’N, 09_ 00’E
Time of transmission: permanent
0
5
10
15
20
25
30
40
50
55
0
5
10
coding
when
required
minutes
hours
day
of
the
week
month
year
35
45
21
22
23
24
25
26
27
28
30
29
31
32
33
34
35
12
48
10
20
40
P1
1
2
4
810
20
P2
Time Frame 1 Minute
( index count 1 second )
Time Frame
calendar
day
minutes
hours
20
sec.
s
Start Bit
Parity Bit P1
Parity Bit P2
Example:19.35 h
93 7527
Modulation:
The carrier amplitude is reduced to 25% at the beginning
of each second for 100 ms (binary zero) or 200 ms (binary
one) duration, excepting the 59th second.
Time Code Format: (based on information
of Deutsche Bundespost)
It consists of 1 minute time frames. No modulation at the
beginning of the 59th second to recognize the switch over
to the next 1 minute time frame. A time frame contains
BCD-coded information of minutes, hours, calendar day,
day of the week, month and year between the 20th second
and 58th second of the time frame, including the start bit
S (200 ms) and parity bits P1, P2 and P3. Further there are
4 additional bits R (transmission by reserve antenna), A1
(announcement of change-over to the summer time), Z1
(during the summer time 200 ms, otherwise 100 ms), Z2
(during standard time 200 ms otherwise 100 ms) and A2
(announcement of leap second) transmitted between the
15th second and 19th second of the time frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com