Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF7936AS Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF7936AS
Description  Security Transponder (HITAG2)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7936AS Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF7936AS Datasheet HTML 16Page - NXP Semiconductors PCF7936AS Datasheet HTML 17Page - NXP Semiconductors PCF7936AS Datasheet HTML 18Page - NXP Semiconductors PCF7936AS Datasheet HTML 19Page - NXP Semiconductors PCF7936AS Datasheet HTML 20Page - NXP Semiconductors PCF7936AS Datasheet HTML 21Page - NXP Semiconductors PCF7936AS Datasheet HTML 22Page - NXP Semiconductors PCF7936AS Datasheet HTML 23Page - NXP Semiconductors PCF7936AS Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
NXP Semiconductors
Product Specification
Security Transponder (HITAG2)
PCF7936AS
2010 May 04
20
CONFIDENTIAL
7.4 Calculation Unit
The PCF7936AS incorporates a Calculation Unit for use
during mutual device authentication, command operation
and EEPROM data exchange, if the device is configured
for Cipher mode. The security algorithm involves a quasi
unique 32 bit Identifier, a 48 bit Secret Key and a 32 bit
Random Number.
The Identifier and the Secret Key are stored in the
Transponder Memory, TM. The Identifier (IDE) is a factory
programmed quasi unique pattern, while the Secret Key is
initialized and subsequently locked by the customer during
device personalization.
Mutual authentication of the Security Transponder in Cipher
mode is triggered by means of the START_AUTH
command, see also section 7.3. As a result, the device
reveals
its
Identifier
to
the
interrogating
system
(basestation) and subsequently the interrogating system
has to send a 32 bit Random Number and a ciphered
Signature to the device. Both are processed by the
Calculation Unit, involving the Secret Key (SK) and
Identifier (IDE), in order to authenticate the interrogating
system. If successful, the device replies with a ciphered
response for validation by the interrogating system.
Details concerning the security algorithm implementation
are specified in a separate Application Note. Please contact
your local NXP representative for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com