Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF7936AS Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF7936AS
Description  Security Transponder (HITAG2)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7936AS Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF7936AS Datasheet HTML 20Page - NXP Semiconductors PCF7936AS Datasheet HTML 21Page - NXP Semiconductors PCF7936AS Datasheet HTML 22Page - NXP Semiconductors PCF7936AS Datasheet HTML 23Page - NXP Semiconductors PCF7936AS Datasheet HTML 24Page - NXP Semiconductors PCF7936AS Datasheet HTML 25Page - NXP Semiconductors PCF7936AS Datasheet HTML 26Page - NXP Semiconductors PCF7936AS Datasheet HTML 27Page - NXP Semiconductors PCF7936AS Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
NXP Semiconductors
Product Specification
Security Transponder (HITAG2)
PCF7936AS
2010 May 04
24
CONFIDENTIAL
7.7 LF Field Power On Reset
When the transponder enters a LF field a rectifier circuitry
becomes operational and the internal transponder supply
voltage (VDD) develops. As soon as the supply voltage
exceeds the LF Field Power-On Reset threshold voltage
(VTHR) the device performs a chip reset and starts its
initialization sequence, see Figure 23.
Subsequently, the transponder is muted and does not
respond to any command prior to termination of the
initialization sequence, tINIT. The startup time, tSTART,
depends on the basestation configuration, the resonance
circuit properties and the system coupling factor, however,
is small compared with the initialization time typically.
For proper device operation, after a LF Filed Power-On
Reset condition, command execution must commence
within
the
specified
Idle
time,
tIDLE, see Figure 23.
Otherwise the device may stop command decoding,
disabling any communication with the device. In this case a
LF Field Power-On Reset has to be applied, in order to
reset and initialize the circuitry. Consequently, the device
would resume WAIT state. As indicated, the Idle time is
specified as the time interval following the initialization
sequence until the last bit of the Command Sequence that
is send to the transponder.
In case one of the Read Only modes is enabled, the device
enters READ ONLY state, if the first two bits of the
START_AUTH command are not being recognized within
the time-out period tWAIT,SA. In this case, Read Only
operation commences tWAIT,RO after termination of the
initialization sequence, tINIT, see Figure 23. For details refer
to section 7.5.
In order to force a LF Field Power-On Reset and proper
device initialization at any time, the LF field OFF condition
must be applied for at least tRESET,SETUP, in order to ensure
that the internal device supply voltage, VDD, drops below
the threshold voltage (VTHR), see Figure 24.
LF field applied
VTHR
tINIT
VDD
tSTART
LF field power on reset (POR)
threshold voltage
t
tIDLE
Command Sequence
READ ONLY Mode
tWAIT,RO
tWAIT,SA
t
Figure 23. LF field power on reset timing
LF field OFF
VTHR
t
VDD
tRESET_SETUP
LF field power on reset (POR)
threshold voltage
Figure 24. LF field power on reset setup timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com