Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1145 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TJA1145
Description  High-speed CAN transceiver for partial networking
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1145 Datasheet(HTML) 2 Page - NXP Semiconductors

  TJA1145 Datasheet HTML 1Page - NXP Semiconductors TJA1145 Datasheet HTML 2Page - NXP Semiconductors TJA1145 Datasheet HTML 3Page - NXP Semiconductors TJA1145 Datasheet HTML 4Page - NXP Semiconductors TJA1145 Datasheet HTML 5Page - NXP Semiconductors TJA1145 Datasheet HTML 6Page - NXP Semiconductors TJA1145 Datasheet HTML 7Page - NXP Semiconductors TJA1145 Datasheet HTML 8Page - NXP Semiconductors TJA1145 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
TJA1145
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 09 May 2018
2 of 57
NXP Semiconductors
TJA1145
High-speed CAN transceiver for partial networking
2.2 Designed for automotive applications
8 kV ElectroStatic Discharge (ESD) protection, according to the Human Body Model
(HBM) on the CAN bus pins
6 kV ESD protection, according to IEC 61000-4-2 on pins BAT and WAKE and on the
CAN bus pins
CAN bus pins short-circuit proof to
58 V
Battery and CAN bus pins protected against transients according to ISO 7637-3, test
pulses 1, 2a, 3a and 3b.
Suitable for use in 12 V and 24 V systems
Available in SO14 and leadless HVSON14 package (3 mm
 4.5 mm) with improved
Automated Optical Inspection (AOI) capability
AEC-Q100 qualified
Dark green product (halogen free and Restriction of Hazardous Substances (RoHS)
compliant)
2.3 Advanced ECU power management system
Very low-current Standby and Sleep modes, with full wake-up capability
Entire node can be powered down via the inhibit output
Remote wake-up capability via standard CAN wake-up pattern or via
ISO 11898-2:2016 compliant selective wake-up frame detection
Local wake-up via the WAKE pin
Wake-up source recognition
Bit rates of 50 kbit/s, 100 kbit/s, 125 kbit/s, 250 kbit/s, 500 kbit/s and 1 Mbit/s
supported during selective wake-up'
Local and/or remote wake-up can be disabled to reduce current consumption
Transceiver disengages from the bus when the battery supply is removed
VIO input allows for direct interfacing with 3.3 V to 5 V microcontrollers
2.4 Protection and diagnosis
16-, 24- or 32-bit SPI for configuration, control and diagnosis
Transmit Data (TXD) dominant time-out function with diagnosis
Overtemperature warning and shut-down
Undervoltage detection and recovery on pins VCC, VIO and BAT
Cold start diagnosis (via bits PO and NMS)
Advanced system and transceiver interrupt handling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com