Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1145 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TJA1145
Description  High-speed CAN transceiver for partial networking
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1145 Datasheet(HTML) 4 Page - NXP Semiconductors

  TJA1145 Datasheet HTML 1Page - NXP Semiconductors TJA1145 Datasheet HTML 2Page - NXP Semiconductors TJA1145 Datasheet HTML 3Page - NXP Semiconductors TJA1145 Datasheet HTML 4Page - NXP Semiconductors TJA1145 Datasheet HTML 5Page - NXP Semiconductors TJA1145 Datasheet HTML 6Page - NXP Semiconductors TJA1145 Datasheet HTML 7Page - NXP Semiconductors TJA1145 Datasheet HTML 8Page - NXP Semiconductors TJA1145 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
TJA1145
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 09 May 2018
4 of 57
NXP Semiconductors
TJA1145
High-speed CAN transceiver for partial networking
4.
Ordering information
5.
Block diagram
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TJA1145T
SO14
plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
TJA1145T/FD
SO14
plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
TJA1145TK
HVSON14
plastic thermal enhanced very thin small outline package; no leads;
14 terminals; body 3
 4.5  0.85 mm
SOT1086-2
TJA1145TK/FD
HVSON14
plastic thermal enhanced very thin small outline package; no leads;
14 terminals; body 3
 4.5  0.85 mm
SOT1086-2
(1) TJA1145T/FD and TJA1145TK/FD only.
Fig 1.
Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com